Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 129 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 129 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 125Page - STMicroelectronics L99DZ100GP Datasheet HTML 126Page - STMicroelectronics L99DZ100GP Datasheet HTML 127Page - STMicroelectronics L99DZ100GP Datasheet HTML 128Page - STMicroelectronics L99DZ100GP Datasheet HTML 129Page - STMicroelectronics L99DZ100GP Datasheet HTML 130Page - STMicroelectronics L99DZ100GP Datasheet HTML 131Page - STMicroelectronics L99DZ100GP Datasheet HTML 132Page - STMicroelectronics L99DZ100GP Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 197 page
background image
DS11546 Rev 5
129/197
L99DZ100G, L99DZ100GP
Serial Peripheral Interface (SPI)
196
SPI modes
By reading out the <SPI mode> register general information of SPI usage of the Device
Application Registers can be read.
<SPI mode>: B0H (Burst mode read available, 32-bit, no data consistency check)
SPI Burst Read
The SPI Burst Read bit indicates if a burst read operation is implemented. The intention of a
Burst Read is e.g. used to perform a device internal memory dump to the SPI Master.
The start of the Burst Read is like a normal Read Operation. The difference is, that after the
SPI Data Length the CSN is not pulled high and the SCK will be continuously clocked. When
the normal SCK max count is reached (SPI Data Length) the consecutive addressed data
will be latched into the shift register. This procedure is performed every time when the SCK
payload length is reached.
In case the automatic incremented address is not used by the device, undefined data is
shifted out. An automatic address overflow is implemented when address 3FH is reached.
The SPI Burst Read is limited by the CSN low timeout.
SPI Data Length
The SPI Data Length value indicates the length of the SCK count monitor which is running
for all accesses to the Device Application Registers. In case a communication frame with an
SCK count not equal to the reported one will lead to a SPI Error and the data will be
rejected.
Table 78. SPI Mode Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BR
DL2
DL1
DL0
0
0
S1
S0
10
11
00
00
Table 79. Burst Read Bit
Bit 7
Description
0
BR not available
1
BR available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com