Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 133 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 133 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 129Page - STMicroelectronics L99DZ100GP Datasheet HTML 130Page - STMicroelectronics L99DZ100GP Datasheet HTML 131Page - STMicroelectronics L99DZ100GP Datasheet HTML 132Page - STMicroelectronics L99DZ100GP Datasheet HTML 133Page - STMicroelectronics L99DZ100GP Datasheet HTML 134Page - STMicroelectronics L99DZ100GP Datasheet HTML 135Page - STMicroelectronics L99DZ100GP Datasheet HTML 136Page - STMicroelectronics L99DZ100GP Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 197 page
background image
DS11546 Rev 5
133/197
L99DZ100G, L99DZ100GP
Serial Peripheral Interface (SPI)
196
the CPHA setting of the SPI master is wrong and a proper communication cannot be
guaranteed.
CSN timeout
By pulling CSN low the SDO is set active and leaves its 3-state condition. To ensure
communication between other SPI devices within the same bus even in case of CSN stuck
at low a CSN timeout is implemented. By pulling CSN low an internal timer is started. After
timer end is reached the actual communication is rejected and the SDO is set to 3-state
condition.
SDI stuck at GND
As a communication with data all-‘0’ and OpCode ‘00’ on address b’000000 cannot be
distinguished between a valid command and a SDI stuck at GND this communication is not
allowed. Nevertheless, in case a stuck at GND is detected the communication will be
rejected and the SPIE will be set with the next communication.
SDI stuck at HIGH
As a communication with data all-‘1’ and OpCode ‘11’ on address b’111111 cannot be
distinguished between a valid command and a SDI stuck at HIGH this communication is not
allowed. In case a stuck at HIGH is detected the communication will be rejected and the
SPIE will be set with the next communication.
SDO stuck @
The SDO stuck at GND and stuck at HIGH has to be detected by the SPI master. As the
definition of the GSB guarantees at least one toggle, a GSB with all-‘0’ or all –‘1’ reports a
stuck at error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com