Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 130 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 130 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 126Page - STMicroelectronics L99DZ100GP Datasheet HTML 127Page - STMicroelectronics L99DZ100GP Datasheet HTML 128Page - STMicroelectronics L99DZ100GP Datasheet HTML 129Page - STMicroelectronics L99DZ100GP Datasheet HTML 130Page - STMicroelectronics L99DZ100GP Datasheet HTML 131Page - STMicroelectronics L99DZ100GP Datasheet HTML 132Page - STMicroelectronics L99DZ100GP Datasheet HTML 133Page - STMicroelectronics L99DZ100GP Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 197 page
background image
Serial Peripheral Interface (SPI)
L99DZ100G, L99DZ100GP
130/197
DS11546 Rev 5
Data Consistency Check (Parity/CRC)
N/A
Watchdog Definition
In case a watchdog is implemented the default settings can be read out via the Device
Information Registers.
Table 80. SPI Data Length
Bit 6
Bit 5
Bit 4
Description
DL2
DL1
DL0
0
0
0
invalid
0
0
1
16-bit SPI
0
1
0
24-bit SPI
0
1
1
32-bit SPI
…
1
1
1
64-bit SPI
Table 81. Data Consistency Check
Bit 1
Bit 0
Description
S1
S0
0
0
not used
0
1
Parity used
1
0
CRC used
1
1
Invalid
Table 82. WD Type/Timing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WD1
WD0
<WD Type 1/2>
0
0
Register is not used
<WD Type 1>
0
1
WT5WT4
WT3WT2
WT1WT0
110
1
0
00
Watchdog Timeout / Long Open Window WT[5:0] * 5ms
<WD Type 2>
1
0
OW2
OW1
OW0
CW2
CW1
CW0
1001
0
0
01
Open Window OW[2:0] *
5ms
Closed Window CW[2:0] *
5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com