Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 165 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 165 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 161Page - STMicroelectronics L99DZ100GP Datasheet HTML 162Page - STMicroelectronics L99DZ100GP Datasheet HTML 163Page - STMicroelectronics L99DZ100GP Datasheet HTML 164Page - STMicroelectronics L99DZ100GP Datasheet HTML 165Page - STMicroelectronics L99DZ100GP Datasheet HTML 166Page - STMicroelectronics L99DZ100GP Datasheet HTML 167Page - STMicroelectronics L99DZ100GP Datasheet HTML 168Page - STMicroelectronics L99DZ100GP Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 197 page
background image
DS11546 Rev 5
165/197
L99DZ100G, L99DZ100GP
SPI Registers
196
7.4.11
Control Register CR11 (0x0B)
Table 116. Control Register CR11
23
22
21
20
19 18 17 16 15 14 13 12 11 10 98765
43210
Bit name
Reserved
Reserved
Reset
0
0
0
0
0000
00000
000001
00000
Access
R/W
Table 117. CR11 signals description
Bit
Name
Description
23:14
Reserved
—
13
ECV_LS
Control of ECV low-side switch
0: ECV low-side switch off (default)
1: ECV low-side switch on
12
ECV_OCR
Overcurrent recovery for output ECV
0: overcurrent recovery is turned off (default)
1: overcurrent recovery is turned on
11:9
Reserved
—
8ECON
Electro-chrome Control
The electro-chrome control enables the driver at pin ECDR and switches
OUT10 directly on ignoring the control bits OUT10_x in CR5
0: Electro-chrome control off (default)
1: Electro-chrome control on
7:6
Reserved
—
5EC_5
EC Reference Voltage Bits
The reference voltage for the electro-chrome voltage controller at pin ECV
is binary coded.
(bit0 = LSB; bit5 = MSB)
00 0000: VECV = 0 V
xx xxxx: VECV = VCTRLmax/63 x register value
11 1111: VECV = VCTRLmax
For ECV_HV (Configuration Register) = 0, the maximum EC control
voltage is clamped at lower value (see Section 3.4.20: Electro-chrome
mirror driver)
4EC_4
3EC_3
2EC_2
1EC_1
0EC_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com