Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 161 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 161 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 157Page - STMicroelectronics L99DZ100GP Datasheet HTML 158Page - STMicroelectronics L99DZ100GP Datasheet HTML 159Page - STMicroelectronics L99DZ100GP Datasheet HTML 160Page - STMicroelectronics L99DZ100GP Datasheet HTML 161Page - STMicroelectronics L99DZ100GP Datasheet HTML 162Page - STMicroelectronics L99DZ100GP Datasheet HTML 163Page - STMicroelectronics L99DZ100GP Datasheet HTML 164Page - STMicroelectronics L99DZ100GP Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 197 page
background image
DS11546 Rev 5
161/197
L99DZ100G, L99DZ100GP
SPI Registers
196
7.4.8
Control Register CR8 (0x08)
0
1
0
88 µs (2.2 kHz)
0
1
1
88 µs (3.8 kHz)
1
0
0
80 µs (2.6 kHz)
1
0
1
80 µs (4.4 kHz)
1
1
0
72 µs (3 kHz)
1
1
1
72 µs (5 kHz)
Table 109. High-side minimum ON time and related overcurrent recovery frequency
HS_TON_1
HS_TON_
OCR_FREQ
TON_min (recovery frequency)
Table 110. Control Register CR8
23
22
21
20
19 18 17 16 15 14 13 12 11 10 98765
43210
Bit name
Resrved
Reset
1
1
1
1
1111
10000
000000
00000
Access
R/W
Table 111. CR8 signals description
Bit
Name
Description
23
OUT1_OCR_THX_EN
Enable Overcurrent Recovery with Thermal Expiration for OUTx.
0: Overcurrent Recovery with Thermal Expiration is off
1: Overcurrent Recovery with Thermal Expiration is on (default)
The output is turned off after Thermal Expiration.
22
OUT2_OCR_THX_EN
21
OUT3_OCR_THX_EN
20
OUT4_OCR_THX_EN
19
OUT5_OCR_THX_EN
18
OUT6_OCR_THX_EN
17
OUT7_OCR_THX_EN
16
OUT8_OCR_THX_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com