Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 159 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 159 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 155Page - STMicroelectronics L99DZ100GP Datasheet HTML 156Page - STMicroelectronics L99DZ100GP Datasheet HTML 157Page - STMicroelectronics L99DZ100GP Datasheet HTML 158Page - STMicroelectronics L99DZ100GP Datasheet HTML 159Page - STMicroelectronics L99DZ100GP Datasheet HTML 160Page - STMicroelectronics L99DZ100GP Datasheet HTML 161Page - STMicroelectronics L99DZ100GP Datasheet HTML 162Page - STMicroelectronics L99DZ100GP Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 197 page
background image
DS11546 Rev 5
159/197
L99DZ100G, L99DZ100GP
SPI Registers
196
7.4.7
Control Register CR7 (0x07)
Table 106. Control Register CR7
23
22
21
20
19 18 17 16 15 14 13 12 11 10 98765
43210
Bit name
Reset
0
0
0
0
0000
00000
000001
00000
Access
R/W
Table 107. CR7 signals description
Bit
Name
Description
23
OUT1_OCR
Overcurrent recovery for OUTx
0: overcurrent recovery is turned off (default)
1: overcurrent recovery is turned on
22
OUT2_OCR
21
OUT3_OCR
20
OUT4_OCR
19
OUT5_OCR
18
OUT6_OCR
17
OUT7_OCR
16
OUT8_OCR
15
OUTHS_OCR
Overcurrent recovery for OUTHS
0: overcurrent recovery is turned off (default)
1: overcurrent recovery is turned on
14:13
Reserved
—
12
HB_TON_1
Half-bridge minimum ON time and related overcurrent recovery frequency
For details see Table 108: Half-bridge minimum ON time and related overcurrent
recovery frequency
11
HB_TON_0
10
HS_TON_1
High-side minimum ON time and related overcurrent recovery frequency
For details see Table 109: High-side minimum ON time and related overcurrent
recovery frequency
9HS_TON_0
8OCR_FREQ
Overcurrent recovery frequency
See Table 108: Half-bridge minimum ON time and related overcurrent recovery
frequency and Table 109: High-side minimum ON time and related overcurrent
recovery frequency
7
OUT5_OC1
Overcurrent Threshold for OUT5
00: IOC5_3 overcurrent threshold 3 (default)
01: IOC5_1 overcurrent threshold 1
10: IOC5_2 overcurrent threshold 2
11: IOC5_3 overcurrent threshold 3
6
OUT5_OC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com