Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 156 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 156 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 152Page - STMicroelectronics L99DZ100GP Datasheet HTML 153Page - STMicroelectronics L99DZ100GP Datasheet HTML 154Page - STMicroelectronics L99DZ100GP Datasheet HTML 155Page - STMicroelectronics L99DZ100GP Datasheet HTML 156Page - STMicroelectronics L99DZ100GP Datasheet HTML 157Page - STMicroelectronics L99DZ100GP Datasheet HTML 158Page - STMicroelectronics L99DZ100GP Datasheet HTML 159Page - STMicroelectronics L99DZ100GP Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 197 page
background image
SPI Registers
L99DZ100G, L99DZ100GP
156/197
DS11546 Rev 5
7.4.5
Control Register CR5 (0x05)
3:2
Reserved
Reserved
1
OUT6_HS
OUT6 High-side Driver control
0: OUT6_HS is turned off (default)
1: OUT6_HS is turned on
An internal cross-current protection prevents, that both the low-side and high-side
drivers of the half-bridge OUT6 are switched on simultaneously.
0
OUT6_LS
OUT6 Low-side Driver control
0: OUT6_LS is turned off (default)
1: OUT6_LS is turned on
An internal cross-current protection prevents, that both the low-side and high-side
drivers of the half-bridge OUT6 are switched on simultaneously.
Table 100. CR4 signals description (continued)
Bit
Name
Description
Table 101. Control Register CR5
23
22
21
20
19 18 17 16 15 14 13 12 11 10 98765
43210
Bit name
Reset
0
0
0
0
0000
00000
000000
00000
Access
R/W
Table 102. CR5 signals description
Bit
Name
Description
23
OUT7_3
OUT7 Configuration Bits: High-Side Driver OUT7 Configuration
For OUT7 bits configuration see Table 103: OUTx Configuration bits
22
OUT7_2
21
OUT7_1
20
OUT7_0
19
OUT8_3
OUT8 Configuration Bits: High-Side Driver OUT8 Configuration
For OUT8 bits configuration see Table 103: OUTx Configuration bits
18
OUT8_2
17
OUT8_1
16
OUT8_0
15:12
Reserved
—
11
OUT10_3
OUT10 Configuration Bits: High-Side Driver OUT10 Configuration
For OUT10 bits configuration see Table 103: OUTx Configuration bits
10
OUT10_2
9
OUT10_1
8
OUT10_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com