Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 153 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 153 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 149Page - STMicroelectronics L99DZ100GP Datasheet HTML 150Page - STMicroelectronics L99DZ100GP Datasheet HTML 151Page - STMicroelectronics L99DZ100GP Datasheet HTML 152Page - STMicroelectronics L99DZ100GP Datasheet HTML 153Page - STMicroelectronics L99DZ100GP Datasheet HTML 154Page - STMicroelectronics L99DZ100GP Datasheet HTML 155Page - STMicroelectronics L99DZ100GP Datasheet HTML 156Page - STMicroelectronics L99DZ100GP Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 197 page
background image
DS11546 Rev 5
153/197
L99DZ100G, L99DZ100GP
SPI Registers
196
Table 98. CR3 signals description
Bit
Name
Description
23
VSREG_LOCK_EN
VSREG lockout enable: Lockout of VSREG related outputs after VSREG overvoltage/
undervoltage shutdown
0: VSREG related Outputs are turned on automatically and status bits
(VSREG_UV, VSREG_OV) are cleared
1: VSREG related Outputs remain turned off until status bits (VSREG_UV,
VSREG_OV) are cleared (default)
Lockout is always disabled in standby modes in order to ensure supply of external
contacts and detect wake-up conditions
22
VS_LOCK_EN
VS lockout enable: Lockout of VS related outputs after VS over/undervoltage
shutdown
0: VS related Outputs are turned on automatically and status bits (VS_UV,
VS_OV) are cleared
1: VS related Outputs remain turned off until status bits (VS_UV, VS_OV) are
cleared (default)
Lockout is always disabled in standby modes in order to ensure supply of external
contacts and detect wake-up conditions
21
VSREG_OV_SD_EN
VSREG overvoltage shutdown enable: shutdown of VSREG related outputs in case
of VSREG overvoltage
0: no shutdown of VSREG related outputs in case of VSREG overvoltage
1: shutdown of VSREG related outputs in case of VSREG overvoltage (default)
20
VSREG_UV_SD_EN
VSREG undervoltage shutdown enable: shutdown of VSREG related outputs in
case of VSREG undervoltage
0: no shutdown of VSREG related outputs in case of VSREG undervoltage
1: shutdown of VSREG related outputs in case of VSREG undervoltage (default)
In case of V1 undervoltage due to VSREG_UV, the device enters Fail-Safe mode
and the outputs are turned off
19
VS_OV_SD_EN
VS overvoltage shutdown enable: shutdown of VS related outputs in case of VS
overvoltage
0: no shutdown of VS related outputs in case of VS overvoltage if charge pump
output voltage is still sufficient (until CPLOW threshold is reached)
1: shutdown of VS related outputs in case of VS overvoltage (default)
18
VS_UV_SD_EN
VS undervoltage shutdown enable: shutdown of VS related outputs in case of VS
undervoltage
0: no shutdown VS related of outputs in case of VS undervoltage
1: shutdown of VS related outputs in case of VS undervoltage (default)
In case of V1 undervoltage due to VS_UV, the device enters Fail-Safe mode and
the outputs are turned off
17:10
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com