Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 149 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 149 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 145Page - STMicroelectronics L99DZ100GP Datasheet HTML 146Page - STMicroelectronics L99DZ100GP Datasheet HTML 147Page - STMicroelectronics L99DZ100GP Datasheet HTML 148Page - STMicroelectronics L99DZ100GP Datasheet HTML 149Page - STMicroelectronics L99DZ100GP Datasheet HTML 150Page - STMicroelectronics L99DZ100GP Datasheet HTML 151Page - STMicroelectronics L99DZ100GP Datasheet HTML 152Page - STMicroelectronics L99DZ100GP Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 197 page
background image
DS11546 Rev 5
149/197
L99DZ100G, L99DZ100GP
SPI Registers
196
7.4.2
Control Register CR2 (0x02)
Table 92. Voltage regulator V2 configuration
V2_1
V2_0
0
0
V2 OFF in all modes (default)
0
1
V2 ON in Active mode; OFF in Standby modes
1
0
V2 ON in Active and V1_standby mode; OFF in Vbat_standby mode
1
1
V2 ON in all modes(1)
1.
This configuration will not be taken into account if CAN_SUP_5V2_EN = 1.
Table 93. Standby transition configuration
PARITY
STBY_SEL GO_STBY
0
1
1
Go to V1 standby
1
0
1
Go to Vbat_standby
00
0
No transition to standby
11
0
Table 94. Control Register CR2
23
22
21
20
19 18 17 16 15 14 13 12 11 10 98765
43210
Bit name
Reset
0
0
0
0
0000
00000
000010
00000
Access
R/W
Table 95. CR2 signals description
Bit
Name
Description
23
T1_RESTART
Timer 1 Restart: Restart of Timer 1
0: timer is running with period and on-time according to configuration (default)
1: restart of timer at CSN low to high transition; starting with ON phase(1)
Bit is automatically reset with next SPI frame.
22
T1_DIR1
T1_DIR1: Timer 1 Direct Drive by DIR1
T1_ON_x: Timer 1 On-Time Bits
Configuration of Timer 1 on-time, for details see Table 96 and Figure 60
21
T1_ON_2
20
T1_ON_1
19
T1_ON_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com