Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 148 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 148 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 144Page - STMicroelectronics L99DZ100GP Datasheet HTML 145Page - STMicroelectronics L99DZ100GP Datasheet HTML 146Page - STMicroelectronics L99DZ100GP Datasheet HTML 147Page - STMicroelectronics L99DZ100GP Datasheet HTML 148Page - STMicroelectronics L99DZ100GP Datasheet HTML 149Page - STMicroelectronics L99DZ100GP Datasheet HTML 150Page - STMicroelectronics L99DZ100GP Datasheet HTML 151Page - STMicroelectronics L99DZ100GP Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 197 page
background image
SPI Registers
L99DZ100G, L99DZ100GP
148/197
DS11546 Rev 5
3
PARITY
PARITY: Standby Command Parity Bit
STBY SEL: Select Standby mode
GO_STBY: Execute transition into Standby mode
The STBY_SEL and GO_STBY bits are protected by a parity check.
The bits STBY_SEL, GO_STBY and PARITY must represent an even
number of '1', otherwise the command is ignored and the SPI_INV_CMD bit
is set.
Table 93: Standby transition configuration shows the valid settings.
All other settings are invalid; command will be ignored and SPI_INV_CMD
will be set. The GO_STBY bit is not cleared automatically after wake-up.
2
STBY_SEL
1
GO_STBY
0
TRIG
Watchdog Trigger Bit
1. Setting is only valid if input is configured as wake-up input in Configuration Register (0x3F).
2. Either LIN or CAN must be enabled as wake-up source. Setting both bits 12 and 13 to '0' is an invalid setting. All wake-up
sources will be configured according to default setting; SPI Error Bit (SPIE) in Global Status Byte will be set.
3. The wake-up behavior is configurable in the Configuration Register (0x3F).
4. Wake-up occurs at a wake –up event according to ISO 11898-5:2007 (default) Wake-up according ISO 11898-6:2013
(selective wake-up) is configurable (refer to chapter High Speed CAN Bus Transceiver).
5. A dedicated procedure must be followed to set SWEN (CR 1) = 1 (refer to chapter High Speed CAN Bus Transceiver).
Table 89. CR1 signals description (continued)
Bit
Name
Description
Table 90. Wake-up input1 filter configuration
WU_FILT_1
WU_FILT_0
0
0
Wake-up inputs monitored in static mode (filter time twu_stat) (default)
01
Wake- up inputs monitored in cyclic mode with Timer2 (filter time:
tWU_cyc; blanking time 80% of timer ON time)
10
Wake- up inputs monitored in cyclic mode with Timer1 (filter time:
tWU_cyc; blanking time 80% of timer ON time)
1
1
Invalid setting; command will be ignored and SPI INV CMD will be set
Table 91. CAN transceiver mode
CAN_RXEN
CAN_TXEN
0x
TRX Standby: Receiver disabled, Transmitter disabled
0x
1
0
TRX Listen: Receiver enabled, Transmitter disabled
11
TRX Normal(1): Receiver enabled, Transmitter enabled
1. CAN Flash mode: TRX Normal Mode functionality is configured automatically but SPI registers are not
updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com