Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 147 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 147 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 143Page - STMicroelectronics L99DZ100GP Datasheet HTML 144Page - STMicroelectronics L99DZ100GP Datasheet HTML 145Page - STMicroelectronics L99DZ100GP Datasheet HTML 146Page - STMicroelectronics L99DZ100GP Datasheet HTML 147Page - STMicroelectronics L99DZ100GP Datasheet HTML 148Page - STMicroelectronics L99DZ100GP Datasheet HTML 149Page - STMicroelectronics L99DZ100GP Datasheet HTML 150Page - STMicroelectronics L99DZ100GP Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 197 page
background image
DS11546 Rev 5
147/197
L99DZ100G, L99DZ100GP
SPI Registers
196
14
TIMER_NINT_EN
Timer NINT enable: enable timer interrupt in standby modes
0: timer interrupt disabled (default)
1: timer interrupt enabled
V1_standby mode: periodic NINT pulse generated by timer (NINT pulse
at start of timer on-phase)
Vbat_standby mode: device wakes up after timer expiration and
generates NReset
13
LIN_WU_EN (2)
LIN Wake-up enable: enable wake-up by LIN(3)
0: disabled
1: enabled (default)
12
CAN_WU_EN (2)
CAN Wake-up enable: enable wake-up by CAN(4)
0: disabled
1: enabled (default)
11
CANTO_ IRQ_EN
CANTO Interrupt enable: enables interrupt signal in case of CAN timeout
0: CAN TO interrupt disabled
1: CAN TO interrupt enabled (default)
10
CAN_ RXEN
CAN transceiver configuration
See Table 91: CAN transceiver mode
9CAN_TXEN
8
CAN_Go_TRX_RDY
CAN Transceiver transition into TRX READY mode.
0: CAN transceiver in TRX BIAS mode (default)
1: CAN transceiver is sent into TRX READY mode
At Exit from TRX READY mode, this bit is set to '0' automatically.
CAN Flash mode: CAN Go TRX RDY is set to '1' automatically
After power-on, this bit should be set to ’0’ and a clear command should be
sent to status registers.
7SWEN
CAN Selective Wake-up enable: enable selective wake-up for CAN(5)
0: No Selective Wakeup (default)
1: Selective Wakeup enabled
6HEN
Enable H-bridge
0: H-bridge disabled (default)
1: H-bridge enabled
Refer to chapter H-bridge Control for details
5V2_1
Voltage Regulator V2 Configuration
See Table 92: Voltage regulator V2 configuration
4V2_0
Table 89. CR1 signals description (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com