Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 146 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 146 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 142Page - STMicroelectronics L99DZ100GP Datasheet HTML 143Page - STMicroelectronics L99DZ100GP Datasheet HTML 144Page - STMicroelectronics L99DZ100GP Datasheet HTML 145Page - STMicroelectronics L99DZ100GP Datasheet HTML 146Page - STMicroelectronics L99DZ100GP Datasheet HTML 147Page - STMicroelectronics L99DZ100GP Datasheet HTML 148Page - STMicroelectronics L99DZ100GP Datasheet HTML 149Page - STMicroelectronics L99DZ100GP Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 197 page
background image
SPI Registers
L99DZ100G, L99DZ100GP
146/197
DS11546 Rev 5
7.4
Control registers
7.4.1
Control Register CR1 (0x01)
Table 88. Control Register CR1
23
22
21
20
19 18 17 16 15 14 13 12 11 10 98765
43210
Bit name
Reset
0
1
0
0
0000
00111
000000
00000
Access
R R/W R R/W
R
R/W
1. Either LIN or CAN must be enabled as wake-up source. Setting both bits 12 and 13 to '0' is an invalid setting. In this case,
both bits will be set to '1' (wake-up enabled; default) and the SPI Error Bit (SPIE) in the Global Status Byte will be set.
Table 89. CR1 signals description
Bit
Name
Description
23
Reserved
—
22
WU_EN
Wake-up Input 1 (WU) enable(1)
0: WU disabled
1: WU enabled (default)
21
Reserved
—
20
WU_PU
Wake-up Input1 Pull-up/down configuration: configuration of internal current
source(1)
0: pull-down (default)
1: pull-up
19
Reserved
—
18
17
WU_FILT_1
Wake-up Input1 Filter configuration Bits: configuration of input filter(1)
See Table 90: Wake-up input1 filter configuration
16
WU_FILT_0
15
TIMER_NINT_WAKE_SEL
Select Timer for NINT / Wake: select timer for periodic interrupt in standby
modes
0: Timer 2 (default)
1: Timer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com