Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 151 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 151 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 147Page - STMicroelectronics L99DZ100GP Datasheet HTML 148Page - STMicroelectronics L99DZ100GP Datasheet HTML 149Page - STMicroelectronics L99DZ100GP Datasheet HTML 150Page - STMicroelectronics L99DZ100GP Datasheet HTML 151Page - STMicroelectronics L99DZ100GP Datasheet HTML 152Page - STMicroelectronics L99DZ100GP Datasheet HTML 153Page - STMicroelectronics L99DZ100GP Datasheet HTML 154Page - STMicroelectronics L99DZ100GP Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 197 page
background image
DS11546 Rev 5
151/197
L99DZ100G, L99DZ100GP
SPI Registers
196
4PNW_EN
CAN Pretented Networking mode
A WUP leads to transition into TRX Bias mode and an interrupt is generated.
0: pretended networking disabled (default)
1: pretended networking enabled
This bit can only be set to '1' if:
SWEN = 0 (selective wake-up disabled)
CAN RXEN = 1
The bit is automatically reset to '0' if selective wake-up is enabled (SWEN = 1)
device enters Vbat_standby mode
3
V1_RESET_1
Voltage Regulator V1 Reset Threshold
00: Vrt4 (default)
01: Vrt3
10: Vrt2
11: Vrt1
thresholds are monitored in Active mode and V1_standby mode
2
V1_RESET_0
1
WD_TIME_1
Watchdog Trigger Time
00: TSW1 (default)
01: TSW2
10: TSW3
11: TSW4
Writing to WD_TIME_x is blocked unless WD CONFIG EN = 1.
The modified WD Trigger Time is valid immediately after the Write command (CSN
transition low-high).
The watchdog timer is reset when the trigger time is modified (restart at CSN
transition low-high).
0WD_TIME_0
1. Timer restart behavior:
Write to CR2 when Tx_ON_x and Tx_PERx remain unchanged:
Tx_RESTART = 1: timers restart at end of SPI frame, starting with ON time
Tx_RESTART = 0: write operation to CR2 has no effect on timers
Write to CR2 when Tx_ON_x and Tx_PERx are modified
Tx_RESTART = 1: timers restart at end of SPI frame, starting with ON time and according to new setting (ON time and
period)
Tx_RESTART = 0: behavior is not defined; if a predictable behavior is needed, it is recommended to set Tx_RESTART = 1
Table 95. CR2 signals description (continued)
Bit
Name
Description
Table 96. Configuration of Timer x on-time
Tx_DIR1
Tx_ON_2
Tx_ON_1
Tx_ON_0
0
0
0
0
ton1 (default)
00
01
ton2
00
10
ton3
00
11
ton4
01
00
ton5
01
01
Invalid setting; command will be ignored and SPI
INV CMD will be set
01
10
01
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com