Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 158 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 158 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 154Page - STMicroelectronics L99DZ100GP Datasheet HTML 155Page - STMicroelectronics L99DZ100GP Datasheet HTML 156Page - STMicroelectronics L99DZ100GP Datasheet HTML 157Page - STMicroelectronics L99DZ100GP Datasheet HTML 158Page - STMicroelectronics L99DZ100GP Datasheet HTML 159Page - STMicroelectronics L99DZ100GP Datasheet HTML 160Page - STMicroelectronics L99DZ100GP Datasheet HTML 161Page - STMicroelectronics L99DZ100GP Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 197 page
background image
SPI Registers
L99DZ100G, L99DZ100GP
158/197
DS11546 Rev 5
7.4.6
Control Register CR6 (0x06)
Table 104. Control Register CR6
23
22
21
20
19 18 17 16 15 14 13 12 11 10 98765
43210
Bit name
Reset
0
0
0
0
0000
00000
000000
00000
Access
R/W
Table 105. CR6 signals description
Bit
Name
Description
23
OUT9_3
OUT9 Configuration Bits: High-Side Driver OUT9 Configuration
For OUT9 bits configuration see Table 103: OUTx Configuration bits
22
OUT9_2
21
OUT9_1
20
OUT9_0
19
OUT11_3
OUT11 Configuration Bits: High-Side Driver OUT11 Configuration
For OUT11 bits configuration see Table 103: OUTx Configuration bits
18
OUT11_2
17
OUT11_1
16
OUT11_0
15
OUT12_3
OUT12 Configuration Bits: High-Side Driver OUT12 Configuration
For OUT12 bits configuration see Table 103: OUTx Configuration bits
14
OUT12_2
13
OUT12_1
12
OUT12_0
11
OUT13_3
OUT13 Configuration Bits: High-Side Driver OUT13 Configuration
For OUT13 bits configuration see Table 103: OUTx Configuration bits
10
OUT13_2
9
OUT13_1
8
OUT13_0
7
OUT14_3
OUT14 Configuration Bits: High-Side Driver OUT14 Configuration
For OUT14 bits configuration see Table 103: OUTx Configuration bits
6
OUT14_2
5
OUT14_1
4
OUT14_0
3
OUT15_3
OUT15 Configuration Bits: High-side Driver OUT15 Configuration
For OUT15 bits configuration see Table 103: OUTx Configuration bits
2
OUT15_2
1
OUT15_1
0
OUT15_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com