Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 191 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 191 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 187Page - STMicroelectronics L99DZ100GP Datasheet HTML 188Page - STMicroelectronics L99DZ100GP Datasheet HTML 189Page - STMicroelectronics L99DZ100GP Datasheet HTML 190Page - STMicroelectronics L99DZ100GP Datasheet HTML 191Page - STMicroelectronics L99DZ100GP Datasheet HTML 192Page - STMicroelectronics L99DZ100GP Datasheet HTML 193Page - STMicroelectronics L99DZ100GP Datasheet HTML 194Page - STMicroelectronics L99DZ100GP Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 197 page
background image
DS11546 Rev 5
191/197
L99DZ100G, L99DZ100GP
SPI Registers
196
7.5.10
Status Register SR12 (0x3C)
Table 160. Status Register SR12 (0x3B)
23
22 21
20
19 18 17 16 15 14 13 12 11 10 98765
43210
Bit name
Access
R/C
R
R/C
R
Table 161. SR12 signals description
Bit
Name
Description
23:21
Reserved
—
20
FECNT_4
CAN Frame Detect Error Counter
This counter is increased by 1 in case a frame was not received/decoded correctly
(CRC error, stuff-bit error, form error).
The counter is decreased by 1 with every frame which is decoded correctly
If FECNT = 31, the next erroneous frame will wake-up the device, set FDERR = 1
and reset FECNTx = 0
‘Live’ Bit Updated after each sent CAN Frame
19
FECNT_3
18
FECNT_2
17
FECNT_1
16
FECNT_0
15
Reserved
—
14
SWRD_CR29
Status flag for Read operation to Selective Wakeup relevant Registers
0: Read not done
1: Read done
All bits must be ‘1’ in order to allow activation of selective wake-up (set SWEN = 1)
Bits are automatically cleared if the configuration of the respective Control Register
is modified
13
SWRD_CR28
12
SWRD_CR27
11
SWRD_CR26
10
SWRD_CR25
9
SWRD_CR24
8
SWRD_CR23
7
SYSERR
CAN System Error
Bit is a logical OR combination of:
NOT(SWRD_x) OR OSC_Fail OR FD_ERR
If SWRD_x are all 1, OSC_Fail is 0 and FD_ERR is 0, this bit is 0, otherwise this bit
is 1.
The selective wake feature cannot be enabled
(SW_EN = 1) if SYS_ERR = 1
In case of a SYS_ERR the selective wake-up feature is
disabled (SW_EN = 0)
Live bit; will be updated upon change of SWRD_x, OSC_Fail and FD_ERR
6
OSC_FAIL
CAN selective wake oscillator failure
OSC Failure Flag (used device internally)
Bit is latched until a read and clear access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com