Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 187 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 187 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 183Page - STMicroelectronics L99DZ100GP Datasheet HTML 184Page - STMicroelectronics L99DZ100GP Datasheet HTML 185Page - STMicroelectronics L99DZ100GP Datasheet HTML 186Page - STMicroelectronics L99DZ100GP Datasheet HTML 187Page - STMicroelectronics L99DZ100GP Datasheet HTML 188Page - STMicroelectronics L99DZ100GP Datasheet HTML 189Page - STMicroelectronics L99DZ100GP Datasheet HTML 190Page - STMicroelectronics L99DZ100GP Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 197 page
background image
DS11546 Rev 5
187/197
L99DZ100G, L99DZ100GP
SPI Registers
196
7.5.6
Status Register SR6 (0x36)
Table 152. Status Register SR6 (0x36)
23
22 21
20
19 18 17 16 15 14 13 12 11 10 98765
43210
Bit name
Reserved
Access
R
R/C
R
R/C
Table 153. SR6 signals description
Bit
Name
Description
23
WD_TIMER_STATE_1 Watchdog timer status
00: 0 - 33%
01: 33 - 66%
11: 66 - 100%
22
WD_TIMER_STATE_0
21:18
Reserved
—
17
ECV_VNR
Electrochrome voltage
not reached:
electrochrome voltage status
'1' indicates the electrochrome voltage is not reached
Bit is not latched
16
ECV_VHI
Electrochrome voltage high: electrochrome voltage status
'1' indicates the electrochrome voltage is not reached
Bit is not latched
15:14
Resrved
—
13
TW_CL6
Thermal warning for Cluster x
‘1’ indicates Cluster x has reached the thermal warning threshold
Bit is latched until a “Read and clear” command
12
TW_CL5
11
TW_CL4
10
TW_CL3
9TW_CL2
8TW_CL1
7:6
Reserved
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com