Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 183 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 183 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 179Page - STMicroelectronics L99DZ100GP Datasheet HTML 180Page - STMicroelectronics L99DZ100GP Datasheet HTML 181Page - STMicroelectronics L99DZ100GP Datasheet HTML 182Page - STMicroelectronics L99DZ100GP Datasheet HTML 183Page - STMicroelectronics L99DZ100GP Datasheet HTML 184Page - STMicroelectronics L99DZ100GP Datasheet HTML 185Page - STMicroelectronics L99DZ100GP Datasheet HTML 186Page - STMicroelectronics L99DZ100GP Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 197 page
background image
DS11546 Rev 5
183/197
L99DZ100G, L99DZ100GP
SPI Registers
196
Table 147. SR3 signals description
Bit
Name
Description
23
OUT1_HS_OC_TH_EX
Overcurrent shutdown
‘1’ indicates the output was shut down due to overcurrent condition.
If Overcurrent Recovery is disabled (CR7: OUTx_OCR = 0):
Bit is set upon overcurrent condition and output is turned off.
If Overcurrent Recovery is enabled (CR7: OUTx_OCR = 1):
In case of overcurrent condition this bit is not set. The output goes into
Overcurrent Recovery mode and OUTx_OCR_alert in SR4 is set to '1'
In case of Thermal Expiration enabled (CR8: OUTx_OCR_THx_en = 1):
Bit is set after thermal expiration and output is turned off
Bit is latched until a “Read and clear” command
22
OUT1_LS_OC_TH_EX
21
OUT2_HS_OC_TH_EX
20
OUT2_LS_OC_TH_EX
19
OUT3_HS_OC_TH_EX
18
OUT3_LS_OC_TH_EX
17
OUT4_HS_OC_TH_EX
16
OUT4_LS_OC_TH_EX
15
OUT5_HS_OC_TH_EX
14
OUT5_LS_OC_TH_EX
13
OUT6_HS_OC_TH_EX
12
OUT6_LS_OC_TH_EX
11
OUT7_OC_TH_EX
10
OUT8_OC_TH_EX
9OUT9_OC
Overcurrent shutdown
‘1’ indicates the output was shut down due to overcurrent condition.
Bit is latched until a “Read and clear” command
8
OUT10_OC
7OUT11_OC
6
OUT12_OC
5
OUT13_OC
4
OUT14_OC
3
OUT15_OC
2
OUTHS_OC_TH_EX
Overcurrent shutdown
‘1’ indicates the output was shut down due to overcurrent condition.
If Overcurrent Recovery is disabled (CR7: OUTx_OCR = 0):
Bit is set upon overcurrent condition and output is turned off.
If Overcurrent Recovery is enabled (CR7: OUTx_OCR = 1):
In case of overcurrent condition this bit is not set. The output goes into
Overcurrent Recovery mode and OUTx_OCR_alert in SR4 is set to '1'
In case of Thermal Expiration enabled (CR8: OUTx_OCR_THx_en = 1):
Bit is set after thermal expiration and output is turned off
Bit is latched until a “Read and clear” command
1
LS2FSO_OC
Overcurrent shutdown
‘1’ indicates the output was shut down due to overcurrent condition.
Bit is latched until a “Read and clear” command
0
LS1FSO_OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com