| Electronic Components Datasheet Search |
|
L99DZ100GP Datasheet(PDF) 179 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ100GP Datasheet(HTML) 179 Page - STMicroelectronics |
|
179 / 197 page ![]() DS11546 Rev 5 179/197 L99DZ100G, L99DZ100GP SPI Registers 196 16 DEBUG_ACTIVE Debug Mode Active: indicates Device is in Debug mode 1: Debug mode The bit shows the momentary status and cannot be cleared (“Live bit”) 15 V1UV Indicates undervoltage condition at voltage regulator V1 (V1 < VRTx) 1: undervoltage Bit is latched until a “Read and clear” command 14 V1_RESTART_2 Indicates the number of TSD2 events which caused a restart of voltage regulator V1 Bits cannot be cleared; counter will be cleared automatically if no additional TSD2 event occurs within 1 minute. 13 V1_RESTART_1 12 V1_RESTART_0 11 WDFAIL_CNT_3 Indicates number of subsequent watchdog failures. Bits cannot be cleared; will be cleared with a valid watchdog trigger 10 WDFAIL_CNT_2 9 WDFAIL_CNT_1 8 WDFAIL CNT_0 7 DEVICE_STATE_1 State from which the device woke up 00: Active mode, after Read&Clear command or after Flash mode state 01: Active mode after wake-up from V1_standby mode (before Read&Clear command) 10: in Active mode after Power-on or after wake-up from Vbat_standby mode (before Read&Clear command) 11: Flash mode (LIN Flash or CAN Flash mode) Bit is latched until a “Read and clear” command After a “read and clear access”, the device state will be updated 6 DEVICE_STATE_0 5TSD2 Thermal Shutdown 2 was reached Bit is latched until a "Read and clear" command 4TSD1 Thermal Shutdown 1 was reached (Logical Or combination of all TSD1_CLx; see status register SR6). This bit cannot be cleared directly. It is reset if the corresponding TSD1_CLx bits in SR6 are cleared. 3 FORCED_SLEEP_ TSD2/V1SC Device entered Forced Vbat_standby mode due to: – Thermal shutdown or – Short circuit on V1 during startup Bit is latched until a "Read and clear" command 2 FORCED_SLEEP_WD Device entered Forced Vbat_standby mode due to multiple watchdog failures Bit is latched until a "Read and clear" command 1WDFAIL Watchdog failure Bit is latched until a "Read and clear" command 0 VPOR VS Power-on Reset threshold (VPOR) reached Bit is latched until a "Read and clear" command Table 143. SR1 signals description (continued) Bit Name Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |