Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 175 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 175 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 171Page - STMicroelectronics L99DZ100GP Datasheet HTML 172Page - STMicroelectronics L99DZ100GP Datasheet HTML 173Page - STMicroelectronics L99DZ100GP Datasheet HTML 174Page - STMicroelectronics L99DZ100GP Datasheet HTML 175Page - STMicroelectronics L99DZ100GP Datasheet HTML 176Page - STMicroelectronics L99DZ100GP Datasheet HTML 177Page - STMicroelectronics L99DZ100GP Datasheet HTML 178Page - STMicroelectronics L99DZ100GP Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 197 page
background image
DS11546 Rev 5
175/197
L99DZ100G, L99DZ100GP
SPI Registers
196
7.4.23
Configuration Register (0x3F)
Table 139. CR34 signals description
Bit
Name
Description
23:3
Reserved
—
2CP_OFF
Charge pump control
0: Enabled; charge pump on in active mode (default)
1: Disabled; charge pump off in active mode
setting CP_OFF = 1 is only possible when CP_OFF_EN = 1
1ICMP
V1 load current supervision
0: Enabled; Watchdog is disabled in V1 Standby when Iv1< ICMP (default)
1: Disabled; watchdog is disabled upon transition into V1_standby mode
setting ICMP = 1 is only possible when ICMP_config_en = 1
0WD_EN
Watchdog Enable
0: Watchdog disabled
1: Watchdog enabled (default)
Writing to this bit is only possible during CAN Flash mode (VTxDL > Vflash)
Table 140. Configuration Register
23
22
21
20
19 18 17 16 15 14 13 12 11 10 98765
43210
Bit name
Reset
1
0
0
0
0000
00000
000000
00001
Access
R/W
Table 141. CR signals description
Bit
Name
Description
23
WU_CONFIG
Configuration of input pin WU
Input configured as wake-up input
0: WU configured as wake-up input
1: WU configured for input voltage measurement (default)
22
LIN_WU_CONFIG
Configuration of LIN wake-up behaviour
0: wake up at recessive - dominant - recessive with tdom > tdom_LIN (default)
(according to LIN 2.2a and Hardware Requirements for Transceivers version
1.3)
1: wake up at recessive - dominant transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com