Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 177 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 177 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 173Page - STMicroelectronics L99DZ100GP Datasheet HTML 174Page - STMicroelectronics L99DZ100GP Datasheet HTML 175Page - STMicroelectronics L99DZ100GP Datasheet HTML 176Page - STMicroelectronics L99DZ100GP Datasheet HTML 177Page - STMicroelectronics L99DZ100GP Datasheet HTML 178Page - STMicroelectronics L99DZ100GP Datasheet HTML 179Page - STMicroelectronics L99DZ100GP Datasheet HTML 180Page - STMicroelectronics L99DZ100GP Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 197 page
background image
DS11546 Rev 5
177/197
L99DZ100G, L99DZ100GP
SPI Registers
196
11
MASK_OL
Mask open-load
0: Open-load condition at all outputs are not masked (default)
1: Open-load condition at all outputs are masked
i.e. it is reported as a Functional Error (GSB bit 3) but not as a Global Error
(GSB bit 7)
10
MASK_SPIE
Mask SPI error
0: SPI errors are not masked (default)
1: SPI errors are masked
i.e. reported as am SPI Error (GSB bit 5) but not as a Global Error (GSB bit 7)
9
MASK_PLE
Mask physical layer error
0: Physical Layer Errors are not masked (default)
1: Physical Layer Errors are masked
i.e. reported as a Physical Layer Error (GSB bit 4) but not as a Global Error
(GSB bit 7)
8
MASK_GW
Mask global warning
0: Global Warning conditions are not masked (default)
1: Global Warning conditions are masked
i.e. reported as a Global Warning (GSB bit 1) but not as a Global Error (GSB
bit 7)
7
CP_OFF_EN
Charge pump control enable
0: writing CP_OFF = 1 is blocked (writing CP OFF = 0 is possible); (default)
1: writing CP_OFF = 1 is possible with next SPI command
Bit is automatically reset to 0 after next SPI command
6
CP_LOW_CONFIG
Charge pump low configuration
0: CP_low (SR 2, bit 9) is latched and outputs are off until R&C; (default)
1: CP_low (SR 2, bit 9) is a ‘live’ bit; outputs are re-activated automatically
upon recovery of the charge pump output voltage
5CP_DITH_DIS
Charge pump clock dithering
0: CP clock dithering is enabled; (default)
1: CP clock dithering is disabled
4
FS_FORCED
Force LSx_FSO ON
LSx_FSO low-side outputs are forced ON (to allow diagnosis of the fail-safe
path)
0: LSx_FSO outputs are controlled by the Fail-safe logic (default)
1: LSx_FSO outputs are forced ON and the device enters Fail-Safe mode; no
NReset is generated
3
CAN_SUP_5V2_EN
CAN supplied by V2 enable (to allow CAN Partial Networking in V1stdby)
0: CAN supplied by V1; (default)
1: CAN supplied by V2; in this case the configuration CR1<5:4> = 11 is
ignored
2:1
Reserved
—
0
TRIG
Watchdog Trigger bit
Table 141. CR signals description (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com