Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 178 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 178 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 174Page - STMicroelectronics L99DZ100GP Datasheet HTML 175Page - STMicroelectronics L99DZ100GP Datasheet HTML 176Page - STMicroelectronics L99DZ100GP Datasheet HTML 177Page - STMicroelectronics L99DZ100GP Datasheet HTML 178Page - STMicroelectronics L99DZ100GP Datasheet HTML 179Page - STMicroelectronics L99DZ100GP Datasheet HTML 180Page - STMicroelectronics L99DZ100GP Datasheet HTML 181Page - STMicroelectronics L99DZ100GP Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 197 page
background image
SPI Registers
L99DZ100G, L99DZ100GP
178/197
DS11546 Rev 5
7.5
Status Registers
7.5.1
Status Register SR1 (0x31)
Table 142. Status Register SR1 (0x31)
23
22 21
20
19 18 17 16 15 14 13 12 11 10 98765
43210
Bit name
Access
R/C R
R/C
R
R/C
Table 143. SR1 signals description
Bit
Name
Description
23
Reserved
—
22
WU_STATE
State of WU input
0: input level is low
1: input level is high
The bit shows the momentary status of WU and cannot be cleared (“Live bit”)
Note: The status is only valid if WU is configured as wake-up input in
Configuration Register (0x3F). Otherwise this bit is read at its previous logic
state
21
Reserved
—
20
WU_WAKE
Wake-up by WU: shows wake up source
1: wake-up
Bits are latched until a “Read and clear” command
19
WAKE_CAN
Wake-up by CAN: shows wake up source
1: wake-up
Bits are latched until a “Read and clear” command
18
WAKE_LIN
Wake-up by LIN: shows wake up source
1: wake-up
Bits are latched until a “Read and clear” command
17
WAKE_TIMER
Wake-up by Timer: shows wake up source
1: wake-up
Bits are latched until a “Read and clear” command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com