Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 29 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 29 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 25Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 26Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 27Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 28Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 29Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 30Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 31Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 32Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 33Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
Le58QL022
Data Sheet
29
Zarlink Semiconductor Inc.
Figure 19.
MPI Real-Time Data Register
a. Loop Detect Debounce Filter
Notes:
*Transparent latch: Output follows input when EN is high; ouput holds last state when EN is low.
Debounce counter: Output is high after counting to programmed (DSH) number of 1 ms clocks; counter is reset for CD1 input changes at 125 µs
sample period. DSH0 - DSH3 programmed value is common for all four channels, but debounce counter is separate per channel.
b. Ground-Key Filter
Notes:
Programmed value of GK0 - GK3 determines clock rate (1 - 15 ms) of six-state counter.
If GK value = 0, the counter is bypassed and no buffering occurs.
Six-state up/down counter: Counts up when input is high; counts down when input is low.
Output goes and stays high when maximum count is reached; output goes and stays low when count is down to zero.
Real-Time Data Register Operation
To obtain time-critical data such as off/on-hook and ring trip information from the SLIC with a minimum of processor time and
effort, the QLSLAC device contains an 8-bit Real Time Data register. This register contains CDA and CDB bits from all four
channels. The CDA bit for each channel is a debounced version of the CD1 input. The CDA bit is normally used for hook switch.
The CDB bit for each channel normally contains the debounced value of the CD2 input bit; however, if the E1 multiplex operation
is enabled, the CDB bit will contain the debounced value of the CD1B bit. CD1 and CD2 can be assigned to off-hook, ring trip,
ground key signals, or other signals. Frame sync is needed for the debounce and the ground key signals. If Frame sync is not
provided, the real-time register will not work. The register is read using MPI Command 4D/4Fh, and may be read at any time
regardless of the state of the Channel Enable Register. This allows off/on-hook, ring trip, or ground key information for all four
channels to be obtained from the QLSLAC device with one read operation versus one read per channel. If these data bits are not
used for supervision information, they can be accessed on an individual channel basis in the same way as C3–C5; however, CD1
and CD1B will not be debounced.
Interrupt
In addition to the Real Time Data register, an interrupt signal has been implemented in the QLSLAC device. The interrupt signal
is an active Low output signal which pulls Low whenever the unmasked CD bits change state (Low to High or High to Low); or
whenever the transmit PCM data changes on a channel in which the Arm Transmit Interrupt (ATI) bit is on. The interrupt control
is shown in Figure 17. The interrupt remains Low until the appropriate register is read. This output can be programmed as TTL
or open drain. When an interrupt is generated, all of the unmasked bits in the Real Time Data register latch and remain latched
until the interrupt is cleared. The interrupt is cleared by reading the register with Command 4Fh, by writing to the interrupt mask
register (Command 6Ch), or by a reset. If any of the inputs to the unmasked bits in the Real Time Data register are different from
8
CD1
FS (8 kHz)
(0 – 15 ms)
DQ
Q
RST
DSH0 – DSH3
Debounce Period
CK
*
DQ
DQ
DQ
Debounce Counter
CDA
EN/HOLD
UP/DN
Ground-Key
Sampling Interval
GK0 – GK3
1 – 15 ms
1 kHz
Clock Divider
(1 – 15 ms
clock output)
GK = 0
GK = 0
MUX
GK
CDB
Six-State
Up/Down
Counter
CD2 or CD1B
RST
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com