Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 55 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 55 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 51Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 52Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 53Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 54Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 55Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 56Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 57Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 58Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 59Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
Le58QL022
Data Sheet
55
Zarlink Semiconductor Inc.
M3 = m1 + m2 + m3
B3 = C1 • C2 • C3
M4 = m1 + m2 + m3 + m4
B4 = C1 • C2 • C3 • C4
In the QLSLAC device, a coefficient, hi, consists of N CSD coefficients, each being made up of 4 bits and formatted as Cxymxy,
where Cxy is 1 bit (MSB) and mxy is 3 bits. Each CSD coefficient is broken down as follows:
Cxy
is the sign bit (0 = positive, 1 = negative).
mxy
is the 3-bit shift code. It is encoded as a binary
number as follows:
000:
0 shifts
001:
1 shifts
010:
2 shifts
011:
3 shifts
100:
4 shifts
101:
5 shifts
110:
6 shifts
111:
7 shifts
y
is the coefficient number (the i in hi).
x is the position of this CSD coefficient within the hi coefficient. The most significant binary 1 is represented by x = 1. The next most
significant binary 1 is represented by x = 2, and so on.
Thus, C13 m13 represents the sign and the relative shift position for the first (most significant) binary 1 in the 4th (h3) coefficient.
The number of CSD coefficients, N, is limited to 4 in the GR, GX, R, X, and Z filters; 4 in the IIR part of the B filter; 3 in the FIR
part of the B filter; and 2 in the post-gain factor of the Z-IIR filter. The GX filter coefficient equation is slightly different from the
other filters.
Equation 8
Please refer to the Summary of MPI Commands on page 38 for complete details on programming the coefficients.
User Test States and Operating Conditions
The QLSLAC device supports testing by providing test states and special operating conditions as shown in Figure 17 (see
Operating Conditions register).
Cutoff Transmit Path (CTP): When CTP = 1, DX and TSC are High impedance and the transmit time slot does not exist. This
state takes precedence over the TSA Loopback (TLB) and Full Digital Loopback (FDL) states.
Cutoff Receive Path (CRP): When CRP = 1, the receive signal is forced to 0 just ahead of the low pass filter (LPF) block. This
state also blocks Full Digital Loopback (FDL), the 1 kHz receive tone, and the B-filter path.
High Pass Filter Disable (HPF): When HPF = 1, all of the High pass and notch filters in the transmit path are disabled.
Lower Receive Gain (LRG): When LRG = 1, an extra 6.02 dB of loss is inserted into the receive path.
Arm Transmit Interrupt (ATI) and Read Transmit PCM Data: The read transmit PCM data command, Command CDh, can be
used to read transmit PCM data through the microprocessor interface. If the ATI bit is set, an interrupt will be generated whenever
new transmit data appears in the channel and will be cleared when the data is read. When combined with Tone Generation and
Loopback states, this allows the microprocessor to test channel integrity.
TSA Loopback (TLB): When TLB = 1, data from the TSA receive path is looped back to the TSA transmit path. Any other data
in the transmit path is overwritten.
Full Digital Loopback (FDL): When FDL = 1, the VOUT output is turned off and the analog output voltage is routed to the input
of the transmit path, replacing the voltage from VIN. The AISN path is temporarily turned off. This test mode can also be entered
by writing the code 10000 into the AISN register.
1 kHz Receive Tone (TON): When TON = 1, a 1 kHz digital mW is injected into the receive path, replacing any receive signal
from the TSA.
A-Law and µ-Law Companding
Table Table 7 and Table Table 8 show the companding definitions used for A-law and
µ-law PCM encoding.
h
iGX
1h
i
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com