Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 19 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 19 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 15Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 16Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 17Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 18Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 19Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 20Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 21Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 22Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 23Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
Le58QL022
Data Sheet
19
Zarlink Semiconductor Inc.
SWITCHING CHARACTERISTICS
The following are the switching characteristics over operating range (unless otherwise noted). Min and max values are valid for
all digital outputs with a 115 pF load, except CD1–C5 with a 30 pF load. (See Figure 11 and Figure 12 for the microprocessor
interface timing diagrams.)
Microprocessor Interface
PCM Interface
PCLK not to exceed 8.192 MHz.
No.
Symbol
Parameter
Min
Typ
Max
Unit
Note
1
tDCY
Data clock period
122
ns
2
tDCH
Data clock HIGH pulse width
48
3
tDCL
Data clock LOW pulse width
48
4
tDCR
Rise time of clock
25
5
tDCF
Fall time of clock
25
6
tICSS
Chip select setup time, Input mode
30
tDCY–10
7
tICSH
Chip select hold time, Input mode
0
tDCH–20
8
tICSL
Chip select pulse width, Input mode
8tDCY
9
tICSO
Chip select off time, Input mode
2500
1
10
tIDS
Input data setup time
25
11
tIDH
Input data hold time
30
12
tOLH
SLIC output latch valid
2500
13
tOCSS
Chip select setup time, Output mode
30
tDCY–10
14
tOCSH
Chip select hold time, Output mode
0
tDCH–20
15
tOCSL
Chip select pulse width, Output mode
8tDCY
16
tOCSO
Chip select off time, Output mode
2500
1
17
tODD
Output data turn on delay
50
2
18
tODH
Output data hold time
3
19
tODOF
Output data turn off delay
50
20
tODC
Output data valid
50
21
tRST
Reset pulse width
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com