Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 48 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 48 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 44Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 45Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 46Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 47Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 48Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 49Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 50Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 51Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 52Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
Le58QL022
Data Sheet
48
Zarlink Semiconductor Inc.
86/87h Write/Read B1 Filter Coefficients
R/W = 0: Write
R/W = 1: Read
Cxy
= 0 or 1 in the command above corresponds to Cxy = +1 or −1, respectively, in the equation below.
The Z-transform equation for the B filter is defined as:
Sample rate = 16 kHz
The coefficients for the FIR B section and the gain of the IIR B section are defined as:
For i = 2 to 10,
The feedback coefficient of the IIR B section is defined as
:
Refer to Command 96/97h for programming of the B11 coefficients.
Power Up and Hardware Reset (RST) Values = 09 00 90 09 00 90 09 00 90 09 00 90 09 00 (Hex)
See note under Command 80/81h on page 46.
RSVD
Reserved for future use. Always write as 0, but 0 is not guaranteed when read.
D7
D6
D5
D4
D3
D2
D1
D0
Command
1000011
R/W
I/O Input Data Byte 1
C32
m32
C22
m22
I/O Input Data Byte 2
C12
m12
C33
m33
I/O Input Data Byte 3
C23
m23
C13
m13
I/O Input Data Byte 4
C34
m34
C24
m24
I/O Input Data Byte 5
C14
m14
C35
m35
I/O Input Data Byte 6
C25
m25
C15
m15
I/O Input Data Byte 7
C36
m36
C26
m26
I/O Input Data Byte 8
C16
m16
C37
m37
I/O Input Data Byte 9
C27
m27
C17
m17
I/O Input Data Byte 10
C38
m38
C28
m28
I/O Input Data Byte 11
C18
m18
C39
m39
I/O Input Data Byte 12
C29
m29
C19
m19
I/O Input Data Byte 13
C310
m310
C210
m210
I/O Input Data Byte 14
C110
m110
RSVD
RSVD
H
B z
()
B
2
z
2
–
… B
9
++
•
z
9
–
•
B
10
z
10
–
•
1B
11
z
1
–
•
–
--------------------------------
+
=
B
i
C1i
2
mli
–
•
1
C2i
2
m2i
–
•
1C3i
2
m3i
–
•
+
()
+
[]
=
B
11
C111
2
m111
–
•
1
C211
2
m211
–
•
1C311
2
m311
–
1
C411
2
m411
–
•
+
()
•
+
[]
+
{}
=
H
B z )
0
=
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com