Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 59 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 59 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 53Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 54Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 55Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 56Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 57Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 58Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 59Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 60Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 61Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
Le58QL022
Data Sheet
59
Zarlink Semiconductor Inc.
APPLICATION CIRCUIT
Figure 22.
Le7920 SLIC/QLSLAC Application Circuit
Note:
A resistive attenuator incorporating ROUT1 and ROUT2 is required before CVTX if DGIN = 1.
LINE CARD PARTS LIST
The following list defines the parts and part values required to meet target specification limits for one channel.
Note:
For all other components, please refer to the Le7920 Data Sheet, PID# 080146.
Item
Quantity
Type
Value
Tol.
Rating
Comments
CBPA
1
Capacitor
0.1 µF
20%
10 V
Bypass capacitor
CBPD
1
Capacitor
0.1 µF
20%
10 V
Bypass capacitor
CFIL
1
Capacitor
0.1 µF
20%
10 V
Bypass capacitor
CVTX
1
Capacitor
0.1 µF
20%
10 V
Coupling
capacitor
RRX
1
Resistor
57.6 k
Ω
1%
0.01 W
CVRX
1
Capacitor
0.15 µF
20%
10 V
RT
1
Resistor
178 k
Ω
1%
0.01 W
RFA
1
Fuse resistor
50
Ω
See Note
RFB
1
Fuse resistor
50
Ω
Optional VTX Attenuator Resistors
ROUT1
1
Resistor
8.25 k
Ω
1%
0.01 W
ROUT2
1
Resistor
15 k
Ω
1%
0.01 W
TEST
OUT
RR
TIP
TIP
RING
SLIC 2
3
DA
DB
AX
HPA
HPB
BX
RYOUT1, RYOUT2
RYOUT3
BGND
VBAT
TMG
VCC
RD
AGND
U1
Le7920
SLIC
VTX
RSN
RDC
C1, C2
D0
D1
DET
CAS
RING
BUS
R
SR4
C
RT
C
TH
R
RTH2
R
R1
TIP
R
SR1
R
FA
C
AD
U3
RR
C
HP
C
BD
Shared Ring Threshold
RING
TO
TI
TEST
IN
K RR
K TI
K TO
+ 5V
SLIC 3
RING
SLIC 4
TIP
RING
R
FB
VBAT
BGND
VBAT
C
BAT
D1
R
TMG
C
DC
R
T
R
D
C
AS
VCCA
VIN1
AGND
CD21, C31
VOUT1
CD11
5
5
5
C
D
C41
C51
C
BPA
C
VRX
VREF
MLCK/E1
PCLK
FS
DXA
DIO
DRA
DCLK
MCLK/E1
PCLK
FS
DXA
DIO
DRA
PCM/MPI
C
VTX
R
RX
R
DC1
R
DC2
2
VCCD
C
FIL
TSCA
TSCA
DCLK
CS
CS
RST
RST
INT
INT
DGND
C
BPD
+3.3 V
+5.0 V
ANALOG
GROUND
DIGITAL
GROUND
U2
Le58QL022
QLSLAC
See Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com