Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 20 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 20 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 16Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 17Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 18Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 19Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 20Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 21Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 22Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 23Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 24Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
Le58QL022
Data Sheet
20
Zarlink Semiconductor Inc.
Pull-up resistors to VCCD of 240 Ω are attached to TSCA and TSCB. (See Figure 13 and Figure 14 for the PCM interface timing
diagrams.)
No.
Symbol
Parameter
Min.
Typ
Max
Unit
Note
22
tPCY
PCM clock period
122
ns
3
23
tPCH
PCM clock HIGH pulse width
48
24
tPCL
PCM clock LOW pulse width
48
25
tPCF
Fall time of clock
15
26
tPCR
Rise time of clock
15
27
tFSS
FS setup time
25
tPCY–30
28
tFSH
FS hold time
50
30
tTSD
Delay to TSC valid
5
80
4
31
tTSO
Delay to TSC off
5
80
4, 5
32
tDXD
PCM data output delay
5
70
33
tDXH
PCM data output hold time
5
70
34
tDXZ
PCM data output delay to High-Z
5
70
35
tDRS
PCM data input setup time
25
36
tDRH
PCM data input hold time
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com