Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 12 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 12 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 8Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 9Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 10Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 11Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 12Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 13Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 14Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 15Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 16Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
Le58QL022
Data Sheet
12
Zarlink Semiconductor Inc.
5.
The End-to-End Group Delay is the sum of the transmit and receive group delays (both measured using the same time and clock slot).
6.
Typical values not tested in production.
Attenuation Distortion
The signal attenuation in either path is nominally independent of the frequency. The deviations from nominal attenuation will stay
within the limits shown in Figure 1 and Figure 2. The reference frequency is 1014 Hz and the signal level is
–10 dBm0.
Figure 1.
Transmit Path Attenuation vs. Frequency
Figure 2.
Receive Path Attenuation vs. Frequency
Average
20
10
1
20
------
Cf
j
()
•
10
1
20
------
Cf
j1
–
()
•
+
2
----------------------------------------------------------------
f
j
f
j1
–
----------
⎝⎠
⎜⎟
⎛⎞
log
•
j
∑
f
N
f
1
-----
⎝⎠
⎜⎟
⎛⎞
log
---------------------------------------------------------------------------------------------------------
log
•
=
Acceptable Region
0.75
Frequency (Hz)
0
0
-0.125
0.125
0
1.8
2
0.6
Acceptable Region
0.65
0
0.80
0.2
1
Frequency (Hz)
0
-0.125
0.125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com