Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 16 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 16 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 12Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 13Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 14Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 15Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 16Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 17Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 18Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 19Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 20Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
Le58QL022
Data Sheet
16
Zarlink Semiconductor Inc.
Discrimination Against Out-of-Band Input Signals
When an out-of-band sine wave signal of frequency f, and level A is applied to the analog input, there may be frequency
components below 4 kHz at the digital output which are caused by the out-of-band signal. These components are at least the
specified dB level below the level of a signal at the same output originating from a 1014 Hz sine wave signal with a level of A
dBm0 also applied to the analog input. The minimum specifications are shown in the following table.
Figure 7.
Discrimination Against Out-of-Band Signals
Note:
The attenuation of the waveform below amplitude A, between 3400 Hz and 4600 Hz, is given by the formula:
Discrimination Against 12- and 16-kHz Metering Signals
If the QLSLAC device is used in a metering application where 12 kHz or 16 kHz tone bursts are injected onto the telephone line
toward the subscriber, a portion of these tones also may appear at the VIN terminal. These out-of-band signals may cause
frequency components to appear below 4 kHz at the digital output. For a 12 kHz or 16 kHz tone, the frequency components below
4 kHz are reduced from the input by at least 70 dB. The sum of the peak metering and signal voltages must be within the analog
input voltage range.
Frequency of Out-of-Band Signal
Amplitude of Out-of-Band Signal
Level below A
16.6 Hz < f < 45 Hz
–25 dBm0 < A
≤ 0 dBm0
18 dB
45 Hz < f < 65 Hz
–25 dBm0 < A
≤ 0 dBm0
25 dB
65 Hz < f < 100 Hz
–25 dBm0 < A
≤ 0 dBm0
10 dB
3400 Hz < f < 4600 Hz
–25 dBm0 < A
≤ 0 dBm0
see Figure 7
4600 Hz < f < 100 kHz
–25 dBm0 < A
≤ 0 dBm0
32 dB
0
-10
-20
-30
-40
Level below
A (dB)
-50
3.4
4.0
4.6
Frequency (kHz)
-28 dB
-32 dB
Attenuation (db)
14
14
π 4000 f
–
()
1200
-----------------------------
⎝⎠
⎛⎞
sin
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com