Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 52 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 52 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 48Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 49Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 50Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 51Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 52Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 53Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 54Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 55Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 56Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
Le58QL022
Data Sheet
52
Zarlink Semiconductor Inc.
is then multiplied by Z6 to normalize the overall gain. Z5 is the actual IIR filter gain value defined by the programmed coefficients, but it also in-
cludes the initial 1/Z6 gain. The theoretical effective IIR gain, without the Z6 gain and normalization, is actually Z5/Z6.
9A/9Bh Write/Read IIR Z Filter Coefficients (IIR only)
R/W = 0: Write
R/W = 1: Read
This command writes/reads the IIR filter section only, without affecting the FIR.
Cxy
= 0 or 1 in the command above corresponds to Cxy = +1 or −1, respectively, in the equation below.
The Z-transform equation for the Z filter is defined as:
Sample rate = 32 kHz
For i = 0 to 5 and 7
Power Up and Hardware Reset (RST) Values = 0190 0190 0190 0190 0190 0190 01 0190 (Hex)
(Hz(z) = 0)
See note under Command 80/81h on page 46.
Note:
Z6 is used for IIR filter scaling only. Its value is typically greater than zero but less than or equal to one. The input to the IIR filter
section is first increased by a gain of 1/Z6, improving dynamic range and avoiding truncation limitations through processing within
this filter. The IIR filter output is then multiplied by Z6 to normalize the overall gain. Z5 is the actual IIR filter gain value defined by
the programmed coefficients, but it also includes the initial 1/Z6 gain. The theoretical effective IIR gain, without the Z6 gain and
normalization, is actually Z5/Z6.
C8/C9h Write/Read Debounce Time Register
This command applies to all channels and does not depend on the state of the Channel Enable Register.
R/W = 0: Write
R/W = 1: Read
Enable E1
EE1 = 0*
E1 multiplexing turned off
EE1 = 1
E1 multiplexing turned on
E1 Polarity
E1P = 0*
E1 is a high-going pulse
E1P = 1
E1 is a low-going pulse
D7
D6
D5
D4
D3
D2
D1
D0
Command
1001101
R/W
I/O Data Byte 1
C45
m45
C35
m35
I/O Data Byte 2
C25
m25
C15
m15
I/O Data Byte 3
C26
m26
C16
m16
I/O Data Byte 4
C47
m47
C37
m37
I/O Data Byte 5
C27
m27
C17
m17
D7
D6
D5
D4
D3
D2
D1
D0
Command
1100100
R/W
I/O Data
EE1
E1P
DSH3
DSH2
DSH1
DSH0
RSVD
ECH
H
z z
()
z
0
z
1
z
1
–
•
z
2
z
2
–
•
z
3
z
3
–
•
z
4
z
4
–
z
5
z
6
z
7
z
1
–
•
•
•
1z
7
z
•
1
–
–
-------------------------------------------
+
•
++
++
=
z
i
C1i
2
m1i
–
•
1C2i
2
m2i
–
1C3i
2
m3i
–
•
1C4i
2
m4i
–
•
+
()
+
[]
•
+
{}
=
z
6
C16
2
m16
–
•
1C26
2
m26
–
•
+
{}
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com