Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 18 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 18 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 14Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 15Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 16Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 17Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 18Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 19Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 20Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 21Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 22Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
Le58QL022
Data Sheet
18
Zarlink Semiconductor Inc.
Overload Compression
Figure 9 shows the acceptable region of operation for input signal levels above the reference input power (0 dBm0). The
conditions for this figure are:
1.
1.2 dB < GX
≤ + 12 dB
2.
–12 dB
≤ GR < –1.2 dB
3.
Digital voice output connected to digital voice input.
4.
Measurement analog-to-analog.
Figure 9.
Analog-to-Analog Overload Compression
Fundamental
Output Power
(dBm0)
Fundamental Input Power (dBm0)
1
2
3
4
5
6
7
8
9
123
4
5
6
78
9
2.6
Region
Acceptable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com