Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 5Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 6Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 7Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 8Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 9Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 10Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 11Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 12Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Le58QL022
Data Sheet
9
Zarlink Semiconductor Inc.
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability.
Package Assembly
Green package devices are assembled with enhanced, environmental compatible lead-free, halogen-free, and antimony-free
materials. The leads possess a matte-tin plating which is compatible with conventional board assembly processes or newer lead-
free board assembly processes.
Refer to IPC/JEDEC J-Std-020 Table 4-2 for recommended peak soldering temperature and Table 5-2 for the recommended
solder reflow temperature profile.
OPERATING RANGES
Legerity guarantees the performance of this device over commercial (0º C to 70º C) and industrial (
−40º C to 85º C) temperature
ranges by conducting electrical characterization over each range and by conducting a production test with single insertion
coupled to periodic sampling. These characterization and test procedures comply with section 4.6.2 of Bellcore TR-TSY-000357
Component Reliability Assurance Requirements for Telecommunications Equipment.
Environmental Ranges
Electrical Ranges
Storage Temperature
–60° C
< T
A < +125° C
Ambient Temperature, under Bias
–40° C
< T
A < +85° C
Ambient relative humidity (non condensing)
5 to 95%
VCCA with respect to AGND
–0.4 to + 4.0 V
VCCA with respect to VCCD
±0.4 V
VCCD with respect to DGND
–0.4 to + 4.0 V
VIN with respect to AGND
–0.4 V to (VCCA + 0.4 V)
AGND with respect to DGND
±50 mV
Digital pins with respect to DGND
–0.4 to 5.5 V or VCCD + 2.37 V, whichever is
smaller
Total combined CD1–C5 current per device:
Source from VCCD
40 mA
Sink into DGND
40 mA
Latch up immunity (any pin)
± 100 mA
Ambient Temperature
–40° C
< T
A < +85° C
Ambient Relative Humidity
15 to 85%
Analog Supply VCCA
+3.3 V ± 5%
VCCD ± 50 mV
Digital Supply VCCD
+3.3 V ± 5%
DGND
0 V
AGND
±10 mV
CFIL Capacitance: VREF to AGND
0.1 µF ± 20%
Digital Pins
DGND to +5.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com