Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 6Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 7Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 8Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 9Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 10Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 11Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 12Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 13Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
Le58QL022
Data Sheet
10
Zarlink Semiconductor Inc.
ELECTRICAL CHARACTERISTICS
Typical values are for TA = 25º C and nominal supply voltages. Minimum and maximum values are over the temperature and
supply voltage ranges shown in Operating Ranges, except where noted.
Symbol
Parameter Descriptions
Min
Typ
Max
Unit
Note
VIL
Digital Input Low voltage
0.8
V
VIH
Digital Input High voltage
2.0
IIL
Digital Input leakage current
µA
0
< V < VCCD
–7
+7
Otherwise
–120
+180
VHYS
Digital Input hysteresis
0.16
0.25
0.34
V
VOL
Digital Output Low voltage
CD1–C5 (IOL = 4 mA)
CD1–C5 (IOL = 8 mA)
TSCA, TSCB (IOL =14 mA)
Other digital outputs (IOL = 2 mA)
0.4
0.8
0.4
0.4
V1
VOH
Digital Output High voltage
CD1–C5 (IOH = 4 mA)
CD1–C5 (IOH = 8 mA)
Other digital outputs (IOH = 400 µA)
VCCD – 0.4 V
VCCD – 0.8 V
2.4
V1
IOL
Digital Output leakage current (HI Z state)
0
< V < VCCD
–7
+7
µA
Otherwise
–120
+180
GIN
Input attenuator gain
DGIN = 0
DGIN = 1
0.6438
1
V/V
VIR
Analog input voltage range (Relative to VREF)
AX = 0 dB, attenuator on (DGIN = 0)
AX = 6.02 dB, attenuator on (DGIN = 0)
AX = 0 dB, attenuator off (DGIN = 1)
AX = 6.02 dB, attenuator off (DGIN = 1)
±1.584
±0.792
±1.02
±0.51
Vpk
VIOS
Offset voltage allowed on VIN
–50
50
mV
ZIN
Analog input impedance to VREF, 300 to 3400 Hz
600
1400
k
Ω
IIP
Current into analog input for an input voltage of 3.3 V
50
115
µA
2
IIN
Current out of analog input for an input voltage of –0.3 V
50
130
2
ZOUT
VOUT output impedance
1
10
Ω
CLOUT
Allowable capacitance, VOUT to AGND
500
pF
IOUT
VOUT output current (F< 3400 Hz)
–4
4
mApk
3
VREF
VREF output open circuit voltage (leakage < 20 nA)
1.43
1.5
1.57
V
ZREF
VREF output impedance (F < 3400 Hz)
70
130
k
Ω
VOR
VOUT voltage range(AR = 0 dB)
(Relative to VREF)(AR = 6.02 dB)
±1.02
±0.51
Vpk
VOOS
VOUT offset voltage (AISN off)
–40
40
mV
4
VOOSA
VOUT offset voltage (AISN on)
–80
80
GAISN
AISN gain - expected gain (input = 0 dBm0, 1014 Hz)
Attenuator on (DGIN = 0)
Attenuator off (DGIN = 1)
–0.016
–0.024
0.016
0.024
V/V
PD
Power dissipation
All channels active
1 channel active
All channels inactive
130
40
6
170
80
12
mW
CI
Digital Input capacitance
10
pF
CO
Digital Output capacitance
10
PSRR
Power supply rejection ratio (1.02 kHz, 100 mVRMS, either
path, GX = GR = 0 dB)
40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com