Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 47 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 47 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 43Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 44Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 45Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 46Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 47Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 48Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 49Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 50Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 51Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
Le58QL022
Data Sheet
47
Zarlink Semiconductor Inc.
84/85h Write/Read Z Filter Coefficients (FIR and IIR)
R/W = 0: Write
R/W = 1: Read
This command writes and reads both the FIR and IIR filter sections simultaneously.
Cxy
= 0 or 1 in the command above corresponds to Cxy = +1 or −1, respectively, in the equation below.
The Z-transform equation for the Z filter is defined as:
Sample rate = 32 kHz
For i = 0 to 5 and 7
Power Up and Hardware Reset (RST) Values = 0190 0190 0190 0190 0190 0190 01 0190 (Hex)
(Hz(z) = 0)
See note under Command 80/81h on page 46.
Note:
Z6 is used for IIR filter scaling only. Its value is typically greater than zero but less than or equal to one. The input to the IIR filter section is first
increased by a gain of 1/Z6, improving dynamic range and avoiding truncation limitations through processing within this filter. The IIR filter output
is then multiplied by Z6 to normalize the overall gain. Z5 is the actual IIR filter gain value defined by the programmed coefficients, but it also in-
cludes the initial 1/Z6 gain. The theoretical effective IIR gain, without the Z6 gain and normalization, is actually Z5/Z6.
D7
D6
D5
D4
D3
D2
D1
D0
Command
1000010
R/W
I/O Data Byte 1
C40
m40
C30
m30
I/O Data Byte 2
C20
m20
C10
m10
I/O Data Byte 3
C41
m41
C31
m31
I/O Data Byte 4
C21
m21
C11
m11
I/O Data Byte 5
C42
m42
C32
m32
I/O Data Byte 6
C22
m22
C12
m12
I/O Data Byte 7
C43
m43
C33
m33
I/O Data Byte 8
C23
m23
C13
m13
I/O Data Byte 9
C44
m44
C34
m34
I/O Data Byte 10
C24
m24
C14
m14
I/O Data Byte 11
C45
m45
C35
m35
I/O Data Byte 12
C25
m25
C15
m15
I/O Data Byte 13
C26
m26
C16
m16
I/O Data Byte 14
C47
m47
C37
m37
I/O Data Byte 15
C27
m27
C17
m17
H
z z
()
z
0
z
1
z
1
–
•
z
2
z
2
–
•
z
3
z
3
–
•
z
4
z
4
–
z
5
z
6
•
z
7
z
1
–
•
•
1z
7
z
•
1
–
–
-------------------------------------------
+
•
++
++
=
z
i
C1i
2
m1i
–
•
1C2i
2
m2i
–
1C3i
2
m3i
–
•
1C4i
2
m4i
–
•
+
()
+
[]
•
+
{}
=
z
6
C16
2
m16
–
•
1C26
2
m26
–
•
+
{}
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com