Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 46 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 46 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 42Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 43Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 44Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 45Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 46Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 47Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 48Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 49Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 50Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
Le58QL022
Data Sheet
46
Zarlink Semiconductor Inc.
73h Read Revision Code Number (RCN)
This command returns an 8-bit number (RCN) describing the revision number of the QLSLAC device. The revision code of
the QLSLAC device will be 14h or higher. This command does not depend on the state of the Channel Enable Register.
80/81h Write/Read GX Filter Coefficients
R/W = 0: Write
R/W = 1: Read
Cxy
= 0 or 1 in the command above corresponds to Cxy = +1 or −1, respectively, in the equation below.
The coefficient for the GX filter is defined as:
Power Up and Hardware Reset (RST) Values = A9F0 (Hex) (HGX = 1.995 (6 dB)).
Note:
The default value is contained in a ROM register separate from the programmable coefficient RAM. There is a filter enable bit in Operating Func-
tions Register to switch between the default and programmed values.
82/83h Write/Read GR Filter Coefficients
R/W = 0: Write
R/W = 1: Read
Cxy
= 0 or 1 in the command above corresponds to Cxy = +1 or −1, respectively, in the equation below.
The coefficient for the GR filter is defined as:
Power Up and Hardware Reset (RST) Values = 23A1 (Hex) (HGR = 0.35547 (–8.984 dB)).
See note under Command 80/81h, above.
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
1
1
0
0
1
1
I/O Data
RCN7
RCN6
RCN5
RCN4
RCN3
RCN2
RCN1
RCN0
D7
D6
D5
D4
D3
D2
D1
D0
Command
1
0
0
0
0
0
0
R/W
I/O Data Byte 1
C40
m40
C30
m30
I/O Data Byte 2
C20
m20
C10
m10
D7
D6
D5
D4
D3
D2
D1
D0
Command:
1
0
0
0
0
0
1
R/W
I/O Data Byte 1
C40
m40
C30
m30
I/O Data Byte 2
C20
m20
C10
m10
H
GX
1C10
(
2
m10
–
1C20
2
m20
–
1C30
2
m30
–
•
1C40
2
m40
–
•
+
()
+
[]
•
+
{}
•
+
=
H
GR
C10
2
m10
–
1C20
2
m20
–
1C30
2
m30
–
•
1C40
2
m40
–
•
+
()
+
[]
•
+
{}
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com