Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 43 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 43 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 39Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 40Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 41Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 42Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 43Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 44Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 45Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 46Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 47Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
Le58QL022
Data Sheet
43
Zarlink Semiconductor Inc.
50/51h Write/Read AISN and Analog Gains
R/W = 0: Write
R/W = 1: Read
Disable Input Attenuator (GIN)
DGIN = 0*
Input attenuator off (DGIN = 1)
DGIN = 1
Input attenuator on (DGIN = 0)
Transmit Analog Gain
AX = 0*
0 dB gain
AX = 1
6.02 dB gain
Receive Analog Loss
AR = 0*
0 dB loss
AR = 1
6.02 dB loss
AISN coefficient
AISN = 0* – 31
See below (Default value = 0)
The Impedance Scaling Network (AISN) gain can be varied from
−0.9375 • GIN to +0.9375 • GIN in
multiples of 0.0625
• GIN.
The gain coefficient is decoded using the following equation:
where hAISN is the gain of the AISN. A value of AISN = 10000 turns on the Full Digital Loopback mode and
a value of AISN = 0000* indicates a gain of 0 (cutoff).
* Power Up and Hardware Reset (RST) Value = 00h.
52/53h Write/Read SLIC Input/Output Register
R/W = 0: Write
R/W = 1: Read
RSVD
Reserved for future use. Always write as 0, but 0 is not guaranteed when read.
Pins CD1, CD2, and C3 through C5 are set to 1 or 0. The data appears latched on the CD1, CD2, and C3 through C5 SLIC I/O
pins, provided they were set in the Output mode (see Command 54/55h on page page 43). The data sent to any of the pins set
to the Input mode is latched, but does not appear at the pins. The CD1B bit is only valid if the E1 Multiplex mode is enabled
(EE1 = 1).
* Power Up and Hardware Reset (RST) Value = 00h
54/55h Write/Read SLIC Input/Output Direction, Read Status Bits
R/W = 0: Write
R/W = 1: Read
RSVD
Reserved for future use. Always write as 0, but 0 is not guaranteed when read.
Channel Status (Read status only, write as 0)
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
101000
R/W
I/O Data
DGIN
AX
AR
AISN4
AISN3
AISN2
AISN1
AISN0
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
101001
R/W
I/O Data
RSVD
RSVD
CD1B
C5
C4
C3
CD2
CD1
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
01010
R/W
Input Data
RSVD
CSTAT
CFAIL
IOD5
IOD4
IOD3
IOD2
IOD1
h
AISN
0.0625
GIN
•
=
16
AISN4
8
AISN3
4
AISN2
2
AISN1
AISN0
+
•
+
•
+
•
+
•
() 16
–
[]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com