Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 38 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 38 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 34Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 35Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 36Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 37Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 38Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 39Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 40Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 41Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 42Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
Le58QL022
Data Sheet
38
Zarlink Semiconductor Inc.
QLSLAC devices and the individual CS lines will select the appropriate device to access. Between command sequences, DCLK
can stay in the High state indefinitely with no loss of internal control information regardless of any transitions on the CS lines.
Between bytes of a multibyte read or write command sequence, DCLK can also stay in the High state indefinitely. DCLK can stay
in the Low state indefinitely with no loss of internal control information, provided the CS lines remain at a High level.
If a low period of CS contains less than 8 positive DCLK transitions, it is ignored. If it contains 8 to 15 positive transitions, only
the last 8 transitions matter. If it contains 16 or more positive transitions, a hardware reset in the part occurs. If the chip is in the
middle of a read sequence when CS goes Low, data will be present at the DIO pin even if DCLK has no activity.
SUMMARY OF MPI COMMANDS
Note:
*All codes not listed are reserved by Legerity and should not be used.
MPI COMMAND STRUCTURE
This section details each MPI command. Each command is shown along with the format of any additional data bytes that follow.
For details of the filter coefficients of the form Cxymxy, refer to the General Description of CSD Coefficients section page 54.
Unused bits are indicated by “RSVD”; 0’s should be written to them, but 0’s are not guaranteed when they are read.
*Default field values are marked by an asterisk. A hardware reset forces the default values.
Hex*
Description
00h
Deactivate (Standby state)
02h
Software Reset
04h
Hardware Reset
06h
No Operation
0Eh
Activate (Operational state)
40/41h
Write/Read Transmit Time Slot and PCM Highway Selection
42/43h
Write/Read Receive Time Slot and PCM Highway Selection
44/45h
Write/Read REC & TX Clock Slot and TX Edge
46/47h
Write/Read Configuration Register
4A/4Bh
Write/Read Channel Enable & Operating Mode Register
4Dh
Read Real Time Data Register
4Fh
Read Real Time Data Register and Clear Interrupt
50/51h
Write/Read AISN and Analog Gains
52/53h
Write/Read SLIC Input/Output Register
54/55h
Write/Read SLIC Input/Output Direction and Status Bits
60/61h
Write/Read Operating Functions
6C/6Dh
Write/Read Interrupt Mask Register
70/71h
Write/Read Operating Conditions
73h
Read Revision Code Number (RCN)
80/81h
Write/Read GX Filter Coefficients
82/83h
Write/Read GR Filter Coefficients
84/85h
Write/Read Z Filter Coefficients (FIR and IIR)
86/87h
Write/Read B1 Filter Coefficients (FIR)
88/89h
Write/Read X Filter Coefficients
8A/8Bh
Write/Read R Filter Coefficients
96/97h
Write/Read B2 Filter Coefficients (IIR)
98/99h
Write/Read Z Filter Coefficients (FIR only)
9A/9Bh
Write/Read Z Filter Coefficients (IIR only)
C8/C9h
Write/Read Debounce Time Register
CDh
Read Transmit PCM Data
E8/E9h
Write/Read Ground Key Filter Sampling Interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com