Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 45 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 45 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 41Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 42Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 43Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 44Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 45Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 46Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 47Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 48Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 49Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
Le58QL022
Data Sheet
45
Zarlink Semiconductor Inc.
6C/6Dh Write/Read Interrupt Mask Register
R/W = 0: Write
R/W = 1: Read
Mask CD Interrupt
MCDxC = 0
CDxC bit is NOT MASKED
MCDxC = 1*
CDxC bit is MASKED
x
Bit number (A or B)
C
Channel number (1 through 4)
Masked: A change does not cause the Interrupt Pin to go Low.
This command does not depend on the state of the Channel Enable Register.
* Power Up and Hardware Reset (RST) Value = FFh.
70/71h Write/Read Operating Conditions
R/W = 0: Write
R/W = 1: Read
Cutoff Transmit Path
CTP = 0*
Transmit path connected
CTP = 1
Transmit path cut off
Cutoff Receive Path
CRP = 0*
Receive path connected
CRP = 1
Receive path cutoff (see note)
High Pass Filter
HPF = 0*
Transmit Highpass filter enabled
HPF = 1
Transmit Highpass filter disabled
Lower Receive Gain
LRG = 0*
6 dB loss not inserted
LRG = 1
6 dB loss inserted
Arm Transmit Interrupt
ATI = 0*
Transmit Interrupt not Armed
ATI = 1
Transmit Interrupt Armed
Interface Loopback
ILB = 0*
TSA loopback disabled
ILB = 1
TSA loopback enabled
Full Digital Loopback
FDL = 0*
Full digital loopback disabled
FDL = 1
Full digital loopback enabled
1 kHz Receive Tone
TON = 0*
1 kHz receive tone off
TON = 1
1 kHz receive tone on
* Power Up and Hardware Reset (RST) Value = 00h.
The B Filter is disabled during receive cutoff.
D7
D6
D5
D4
D3
D2
D1
D0
Command
0110110
R/W
I/O Data
MCDB4
MCDA4
MCDB3
MCDA3
MCDB2
MCDA2
MCDB1
MCDA1
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
1
1
0
0
0
R/W
I/O Data
CTP
CRP
HPF
LRG
ATI
ILB
FDL
TON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com