Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE58QL022BVC Datasheet(PDF) 44 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 44 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 40Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 41Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 42Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 43Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 44Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 45Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 46Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 47Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 48Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
Le58QL022
Data Sheet
44
Zarlink Semiconductor Inc.
CSTAT = 0
Channel is inactive (Standby state).
CSTAT = 1
Channel is active.
Clock Fail (Read status only, write as 0)
CFAIL* = 0
The internal clock is synchronized to frame synch.
CFAIL = 1
The internal clock is not synchronized to frame synch.
* The CFAIL bit is independent of the Channel Enable Register.
I/O Direction (Read/Write)
IOD5 = 0*
C5 is an input
IOD5 = 1
C5 is an output
IOD4 = 0*
C4 is an input
IOD4 = 1
C4 is an output
IOD3 = 0*
C3 is an input
IOD3 = 1
C3 is an output
IOD2 = 0*
CD2 is an input
IOD2 = 1
CD2 is an output
IOD1 = 0*
CD1 is an input
IOD1 = 1
CD1 is an output
Pins CD1, CD2, and C3 through C5 are set to Input or Output modes individually. Pins C3–C5 are not available on the
Le58QL032 QLSLAC device, and C5 is available only on the Le58QL022 QLSLAC device.
* Power Up and Hardware Reset (RST) Value = 00h
60/61h Write/Read Operating Functions
R/W = 0: Write
R/W = 1: Read
Linear Code
C/L = 0*
Compressed coding
C/L = 1
Linear coding
A-law or µ-law
A/µ = 0*
A-law coding
A/µ = 1
µ-law coding
GR Filter
EGR = 0*
Default GR filter enabled
EGR = 1
Programmed GR filter enabled
GX Filter
EGX = 0*
Default GX filter enabled
EGX = 1
Programmed GX filter enabled
X Filter
EX = 0*
Default X filter enabled
EX = 1
Programmed X filter enabled
R Filter
ER = 0*
Default R filter enabled
ER = 1
Programmed R filter enabled
Z Filter
EZ = 0*
Default Z filter enabled
EZ = 1
Programmed Z filter enabled
B Filter
EB = 0*
Default B filter enabled
EB = 1
Programmed B filter enabled
* Power Up and Hardware Reset (RST) Value = 00h.
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
110000
R/W
I/O Data
C/L
A/µ
EGR
EGX
EX
ER
EZ
EB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com