Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 25Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 26Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 27Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 28Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 29Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 30Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 31Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 32Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 114 page
background image
2.2.5
Operating and Standby Current
Table 2.11
Operating and standby current (1) (1 of 2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
LDO mode
DCDC
mode*12
Unit
Test
Conditions
Typ*10 Max
Typ*10 Max
Supply
current*1
High-
speed
mode*2
Normal
mode
All peripheral
clocks disabled,
CoreMark code
executing from
flash*5
ICLK = 48 MHz
ICC
5.50
—
3.05
—
mA
*7 *11
ICLK = 32 MHz
3.65
—
2.20
—
*7
ICLK = 16 MHz
2.20
—
1.35
—
ICLK = 8 MHz
1.45
—
0.90
—
All peripheral
clocks enabled,
code executing
from flash*5
ICLK = 48 MHz
—
14.5
—
12.5
*9 *11
Sleep
mode
All peripheral
clocks disabled*5
ICLK = 48 MHz
1.05
—
0.65
—
*7
ICLK = 32 MHz
0.85
—
0.55
—
*7
ICLK = 16 MHz
0.70
—
0.45
—
ICLK = 8 MHz
0.60
—
0.35
—
All peripheral
clocks enabled*5
ICLK = 48 MHz
4.85
—
2.95
—
*9
ICLK = 32 MHz
4.68
—
2.85
—
*8
ICLK = 16 MHz
2.55
—
1.55
—
ICLK = 8 MHz
1.50
—
0.95
—
Increase during BGO operation*6
2.1
—
1.95
—
—
Supply
current*1
Middle-
speed
mode*2
Normal
mode
All peripheral
clocks disabled,
CoreMark code
executing from
flash*5
ICLK = 24 MHz
ICC
2.80
—
1.65
—
mA
*7
ICLK = 4 MHz
0.90
—
0.55
—
All peripheral
clocks enabled,
code executing
from flash*5
ICLK = 24 MHz
—
10.0
—
8.8
*8
Sleep
mode
All peripheral
clocks disabled*5
ICLK = 24 MHz
0.70
—
0.45
—
*7
ICLK = 4 MHz
0.55
—
0.35
—
All peripheral
clocks enabled*5
ICLK = 24 MHz
3.50
—
2.10
—
*8
ICLK = 4 MHz
0.95
—
0.60
—
Increase during BGO operation*6
2.00
—
1.65
—
—
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 29 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com