Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 94Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 95Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 96Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 97Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 98Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 99Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 100Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 101Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 114 page
background image
Table A3.4
Register description (3 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
SYSC
—
—
—
SNZREQCR0
Snooze Request Control Register 0
0x098
32
R/W
0x00000000
0xFFFFFFFF
SYSC
—
—
—
PSMCR
Power Save Memory Control Register
0x09F
8
R/W
0x00
0xFF
SYSC
—
—
—
OPCCR
Operating Power Control Register
0x0A0
8
R/W
0x01
0xFF
SYSC
—
—
—
MOSCWTCR
Main Clock Oscillator Wait Control
Register
0x0A2
8
R/W
0x05
0xFF
SYSC
—
—
—
SOPCCR
Sub Operating Power Control Register
0x0AA
8
R/W
0x00
0xFF
SYSC
—
—
—
RSTSR1
Reset Status Register 1
0x0C0
16
R/W
0x0000
0xE0F8
SYSC
—
—
—
LVD1CR1
Voltage Monitor 1 Circuit Control Register
0x0E0
8
R/W
0x01
0xFF
SYSC
—
—
—
LVD1SR
Voltage Monitor 1 Circuit Status Register
0x0E1
8
R/W
0x02
0xFF
SYSC
—
—
—
LVD2CR1
Voltage Monitor 2 Circuit Control Register
1
0x0E2
8
R/W
0x01
0xFF
SYSC
—
—
—
LVD2SR
Voltage Monitor 2 Circuit Status Register
0x0E3
8
R/W
0x02
0xFF
SYSC
—
—
—
PRCR
Protect Register
0x3FE
16
R/W
0x0000
0xFFFF
SYSC
—
—
—
SYOCDCR
System Control OCD Control Register
0x040E
8
R/W
0x00
0xFF
SYSC
—
—
—
RSTSR0
Reset Status Register 0
0x410
8
R/W
0x00
0xF0
SYSC
—
—
—
RSTSR2
Reset Status Register 2
0x411
8
R/W
0x00
0xFE
SYSC
—
—
—
MOMCR
Main Clock Oscillator Mode Oscillation
Control Register
0x413
8
R/W
0x00
0xFF
SYSC
—
—
—
LVCMPCR
Voltage Monitor Circuit Control Register
0x417
8
R/W
0x00
0xFF
SYSC
—
—
—
LVDLVLR
Voltage Detection Level Select Register
0x418
8
R/W
0x07
0xFF
SYSC
—
—
—
LVD1CR0
Voltage Monitor 1 Circuit Control Register
0
0x41A
8
R/W
0x80
0xF7
SYSC
—
—
—
LVD2CR0
Voltage Monitor 2 Circuit Control Register
0
0x41B
8
R/W
0x80
0xF7
SYSC
—
—
—
DCDCCTL
DCDC/LDO Control Register
0x440
8
R/W
0xC0
0xFF
SYSC
—
—
—
VCCSEL
Voltage Level Selection Control Register
0x441
8
R/W
0x00
0xFF
SYSC
—
—
—
SOSCCR
Sub-Clock Oscillator Control Register
0x480
8
R/W
0x01
0xFF
SYSC
—
—
—
SOMCR
Sub-Clock Oscillator Mode Control
Register
0x481
8
R/W
0x00
0xFF
SYSC
—
—
—
SOMRG
Sub-Clock Oscillator Margin Check
Register
0x482
8
R/W
0x00
0xFF
SYSC
—
—
—
LOCOCR
Low-Speed On-Chip Oscillator Control
Register
0x490
8
R/W
0x00
0xFF
SYSC
—
—
—
LOCOUTCR
LOCO User Trimming Control Register
0x492
8
R/W
0x00
0xFF
PORT0,3-8
—
—
—
PCNTR1
Port Control Register 1
0x000
32
R/W
0x00000000
0xFFFFFFFF
PORT0,3-8
—
—
—
PODR
Port Control Register 1
0x000
16
R/W
0x0000
0xFFFF
PORT0,3-8
—
—
—
PDR
Port Control Register 1
0x002
16
R/W
0x0000
0xFFFF
PORT0,3-8
—
—
—
PCNTR2
Port Control Register 2
0x004
32
R
0x00000000
0xFFFF0000
PORT0,3-8
—
—
—
PIDR
Port Control Register 2
0x006
16
R
0x0000
0x0000
PORT0,3-8
—
—
—
PCNTR3
Port Control Register 3
0x008
32
W
0x00000000
0xFFFFFFFF
PORT0,3-8
—
—
—
PORR
Port Control Register 3
0x008
16
W
0x0000
0xFFFF
PORT0,3-8
—
—
—
POSR
Port Control Register 3
0x00A
16
W
0x0000
0xFFFF
PORT1-2
—
—
—
PCNTR1
Port Control Register 1
0x000
32
R/W
0x00000000
0xFFFFFFFF
PORT1-2
—
—
—
PODR
Port Control Register 1
0x000
16
R/W
0x0000
0xFFFF
PORT1-2
—
—
—
PDR
Port Control Register 1
0x002
16
R/W
0x0000
0xFFFF
PORT1-2
—
—
—
PCNTR2
Port Control Register 2
0x004
32
R
0x00000000
0xFFFF0000
PORT1-2
—
—
—
EIDR
Port Control Register 2
0x004
16
R
0x0000
0xFFFF
PORT1-2
—
—
—
PIDR
Port Control Register 2
0x006
16
R
0x0000
0x0000
PORT1-2
—
—
—
PCNTR3
Port Control Register 3
0x008
32
W
0x00000000
0xFFFFFFFF
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 98 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com