Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 69Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 70Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 71Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 72Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 73Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 74Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 75Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 76Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 114 page
background image
Internal reset signal
(active-low)
VCC
tPOR
VPOR
1.0 V
tw(POR)
*1
tdet
Note 1. tw(POR) is the time required for a power-on reset to be enabled while the external power VCC is being held below the
valid voltage (1.0 V).
When VCC turns on, maintain tw(POR) for 1.0 ms or more.
Figure 2.43
Power-on reset timing
tVOFF
tLVD0
tdet
Vdet0
VCC
Internal reset signal
(active-low)
tdet
VLVH
Figure 2.44
Voltage detection circuit timing (Vdet0)
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 73 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com