Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 7Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 8Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 9Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 10Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 11Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 12Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 13Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 14Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
Table 1.14
Pin functions (2 of 3)
Function
Signal
I/O
Description
RTC
RTCOUT
Output
Output pin for 1-Hz or 64-Hz clock
SCI
SCKn (n = 0 to 3, 9)
I/O
Input/output pins for the clock (clock synchronous mode)
RXDn (n = 0 to 3, 9)
Input
Input pins for received data (asynchronous mode/clock synchronous
mode)
TXDn (n = 0 to 3, 9)
Output
Output pins for transmitted data (asynchronous mode/clock
synchronous mode)
CTSn_RTSn (n = 0 to 3,
9)
I/O
Input/output pins for controlling the start of transmission and
reception (asynchronous mode/clock synchronous mode), active-
low.
SCLn (n = 0 to 3, 9)
I/O
Input/output pins for the IIC clock (simple IIC mode)
SDAn (n = 0 to 3, 9)
I/O
Input/output pins for the IIC data (simple IIC mode)
SCKn (n = 0 to 3, 9)
I/O
Input/output pins for the clock (simple SPI mode)
MISOn (n = 0 to 3, 9)
I/O
Input/output pins for slave transmission of data (simple SPI mode)
MOSIn (n = 0 to 3, 9)
I/O
Input/output pins for master transmission of data (simple SPI mode)
SSn (n = 0 to 3, 9)
Input
Chip-select input pins (simple SPI mode), active-low
IIC
SCLn (n = 0, 1)
I/O
Input/output pins for the clock
SDAn (n = 0, 1)
I/O
Input/output pins for data
SPI
RSPCKA, RSPCKB
I/O
Clock input/output pin
MOSIA, MOSIB
I/O
Input or output pins for data output from the master
MISOA, MISOB
I/O
Input or output pins for data output from the slave
SSLA0, SSLB0
I/O
Input or output pin for slave selection
SSLA1 to SSLA3, SSLB1
to SSLB3
Output
Output pins for slave selection
CAN
CRX0
Input
Receive data
CTX0
Output
Transmit data
Analog power supply
AVCC0
Input
Analog voltage supply pin for the ADC12, DAC12
AVSS0
Input
Analog ground pin for the ADC12, DAC12
VREFH0
Input
Analog reference voltage supply pin for the ADC12. Connect this pin
to AVCC0 when not using the ADC12.
VREFL0
Input
Analog reference ground pin for the ADC12. Connect this pin to
AVSS0 when not using the ADC12.
ADC12
AN000 to AN014, AN017
to AN020
Input
Input pins for the analog signals to be processed by the A/D
converter.
ADTRG0
Input
Input pin for the external trigger signals that start the A/D
conversion, active-low.
DAC12
DA0
Output
Output pin for the analog signals processed by the D/A converter.
ACMPLP
VCOUT
Output
Comparator output pin
CMPREF0, CMPREF1
Input
Reference voltage input pins
CMPIN0, CMPIN1
Input
Analog voltage input pins
CTSU
TS00, TS02-CFC, TS04
to TS07, TS08-CFC to
TS16-CFC, TS17, TS18,
TS21 to TS25, TS26-CFC
to TS35-CFC
Input
Capacitive touch detection pins (touch pins)
TSCAP
—
Secondary power supply pin for the touch driver
KINT
KR00 to KR07
Input
Key interrupt input pins
RA2L1 Datasheet
1. Overview
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 11 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com