Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 5Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 6Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 7Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 8Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 9Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 10Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 11Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 12Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 114 page
background image
1.4
Function Comparison
Table 1.13
Function comparison
Parts number
R7FA2L1A
BxxFP
R7FA2L1A
9xxFP
R7FA2L1A
BxxFN
R7FA2L1A
9xxFN
R7FA2L1A
BxxFM
R7FA2L1A
9xxFM
R7FA2L1A
BxxFL
R7FA2L1A
BxxNE
R7FA2L1A
9xxFL
R7FA2L1A
9xxNE
Pin count
100
80
64
48
Package
LQFP
LQFP
LQFP
LQFP
LQFP
LQFP
LQFP/QFN LQFP/QFN
Code flash memory
256 KB
128 KB
256 KB
128 KB
256 KB
128 KB
256 KB
128 KB
Data flash memory
8 KB
SRAM
32 KB
Parity
16 KB
ECC
16 KB
System
CPU clock
48 MHz
Sub-clock
oscillator
Yes
ICU
Yes
KINT
8
5
Event control
ELC
Yes
DMA
DTC
Yes
Timers
GPT32
4
GPT16
6
3
AGT
2
RTC
Yes
WDT/IWDT
Yes
Communicatio
n
SCI
5
IIC
2
SPI
2
CAN
Yes
Analog
ADC12
19
17
13
9
DAC12
1
ACMPLP
2
TSN
Yes
HMI
CTSU
32
30
20
Data
processing
CRC
Yes
DOC
Yes
Security
AES and TRNG
I/O ports
I/O pins
82
66
50
34
Input pins
3
3
3
3
Pull-up
resistors
82
66
50
34
N-ch open-
drain
outputs
65
51
37
23
5-V
tolerance
5
5
5
4
RA2L1 Datasheet
1. Overview
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 9 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com