Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 49Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 50Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 51Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 52Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 53Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 54Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 55Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 56Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 114 page
background image
Table 2.34
SPI timing (3 of 3)
Parameter
Symbol
Min
Max
Unit*1
Test
conditions
SPI MOSI and
MISO rise
and fall time
Output
2.7 V ≤ VCC ≤ 5.5 V
tDr, tDf
—
10
ns
Figure 2.29
to Figure
2.34
C = 30 pF
2.4 V ≤ VCC < 2.7 V
—
15
1.8 V ≤ VCC < 2.4 V
—
20
1.6 V ≤ VCC < 1.8 V
—
30
Input
—
1
µs
SSL rise and
fall time
Output
2.7 V ≤ VCC ≤ 5.5 V
tSSLr,
tSSLf
—
10
ns
2.4 V ≤ VCC < 2.7 V
—
15
1.8 V ≤ VCC < 2.4 V
—
20
1.6 V ≤ VCC < 1.8 V
—
30
Input
—
1
µs
Slave access time
2.4 V ≤ VCC ≤ 5.5 V
tSA
—
2 × tPcyc +
100
ns
Figure 2.33
and Figure
2.34
C = 30 pF
1.8 V ≤ VCC < 2.4 V
—
2 × tPcyc +
140
1.6 V ≤ VCC < 1.8 V
—
2 × tPcyc +
180
Slave output release
time
2.4 V ≤ VCC ≤ 5.5 V
tREL
—
2 × tPcyc +
100
ns
1.8 V ≤ VCC < 2.4 V
—
2 × tPcyc +
140
1.6 V ≤ VCC < 1.8 V
—
2 × tPcyc +
180
Note 1. tPcyc: PCLKB cycle.
Note 2. N is set as an integer from 1 to 8 by the SPCKD register.
Note 3. N is set as an integer from 1 to 8 by the SSLND register.
RSPCKn
master select
output
RSPCKn
slave select input
tSPCKWH
VOH
VOH
VOL
VOL
VOH
VOH
tSPCKWL
tSPCKr
tSPCKf
VOL
tSPcyc
tSPCKWH
VIH
VIH
VIL
VIL
VIH
VIH
tSPCKWL
tSPCKr
tSPCKf
VIL
tSPcyc
VOH = 0.7 × VCC, VOL = 0.3 × VCC, VIH = 0.7 × VCC, VIL = 0.3 × VCC
Note:
n = A or B
Figure 2.28
SPI clock timing
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 53 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com