Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 64Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 65Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 66Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 67Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 68Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 69Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 70Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 71Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 114 page
background image
Full-scale error
Full-scale error is the difference between the transition point of the ideal last output code and the actual last output code.
2.5
DAC12 Characteristics
Table 2.46
12-bit D/A conversion characteristics
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Reference voltage = AVCC0 or AVSS0 selected
Parameter
Min
Typ
Max
Unit
Test conditions
Resolution
—
—
12
bit
—
Resistive load
30
—
—
kΩ
—
Capacitive load
—
—
50
pF
—
Output voltage range
0.35
—
AVCC0-0.47
V
—
DNL differential nonlinearity error
—
±0.5
±2.0
LSB
—
INL integral nonlinearity error
—
±2.0
±8.0
LSB
—
Offset error
—
—
±30
mV
—
Full-scale error
—
—
±30
mV
—
Output impedance
—
5
—
Ω
—
Conversion time
—
—
30
µs
—
0x000
D/A converter input code
0xFFF
Output analog voltage
Upper output limit
Lower output limit
Offset error
Ideal output voltage
1-LSB width for ideal D/A conversion
characteristic
Differential nonlinearity error
(DNL)
Actual D/A conversion characteristic
*1
Integral nonlinearity error (INL)
Full-scale error
Gain error
Offset error
Ideal output voltage
Note 1. Ideal D/A conversion output voltage that is adjusted so that offset and full scale errors are zeroed.
Figure 2.40
Illustration of D/A converter characteristic terms
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 68 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com