Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 73Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 74Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 75Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 76Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 77Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 78Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 79Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 80Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 114 page
background image
Input voltage
Reference voltage
Output voltage
Td
Td
+100 mV
-100 mV
Figure 2.48
Output delay time
2.11
Flash Memory Characteristics
2.11.1
Code Flash Memory Characteristics
Table 2.53
Code flash characteristics (1)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reprogramming/erasure cycle*1
NPEC
1000
—
—
Times
—
Data hold time After 1000 times NPEC
tDRP
20*2 *3
—
—
Year
Ta = +85°C
Ta = +105°C
Note 1. The reprogram/erase cycle is the number of erasures for each block. When the reprogram/erase cycle is n times (n = 1,000),
erasing can be performed n times for each block. For instance, when 4-byte programming is performed 512 times for different
addresses in 2-KB blocks, and then the entire block is erased, the reprogram/erase cycle is counted as one. However, programming
the same address for several times as one erasure is not enabled (overwriting is prohibited).
Note 2. Characteristic when using the flash memory programmer and the self-programming library provided by Renesas Electronics.
Note 3. This result is obtained from reliability testing.
Table 2.54
Code flash characteristics (2)
High-speed operating mode
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Parameter
Symbol
ICLK = 1 MHz
ICLK = 48 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
4-byte
tP4
—
86
732
—
34
321
µs
Erasure time
2-KB
tE2K
—
12.5
355
—
5.6
215
ms
Blank check time
4-byte
tBC4
—
—
46.5
—
—
8.3
µs
2-KB
tBC2K
—
—
3681
—
—
240
µs
Erase suspended time
tSED
—
—
22.3
—
—
10.5
µs
Access window information program
Start-up area selection and security
setting time
tAWSSAS —
21.2
570
—
11.4
423
ms
OCD/serial programmer ID setting
time*1
tOSIS
—
84.7
2280
—
45.3
1690
ms
Flash memory mode transition wait
time 1
tDIS
2
—
—
2
—
—
µs
Flash memory mode transition wait
time 2
tMS
15
—
—
15
—
—
µs
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of ICLK is 1 MHz during programming or erasing the flash memory. When using ICLK at below 4 MHz, the
frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 77 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com