Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 24Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 25Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 26Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 27Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 28Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 29Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 30Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 31Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
Note 1. Except for Ports P200, P214, and P215, which are input ports.
Table 2.8
I/O VOH, VOL (2)
Conditions: VCC = AVCC0 = 2.7 to 4.0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output
voltage
Ports P000 to P008, P010 to P015
VOH
AVCC0 - 0.8
—
—
V
IOH = -4.0 mA
Output pins except for P000 to P008 and
P010 to P015*1
VOH
VCC - 0.8
—
—
IOH = -4.0 mA
Ports P000 to P008, P010 to P015
VOL
—
—
0.8
IOL = 8.0 mA
Output pins except for P000 to P008 and
P010 to P015*1
VOL
—
—
0.8
IOL = 8.0 mA
Note 1. Except for Ports P200, P214, and P215, which are input ports.
Table 2.9
I/O VOH, VOL (3)
Conditions: VCC = AVCC0 = 1.6 to 2.7 V
Parameter
Symbol
Min
Typ
Max
Unit Test conditions
Output
voltage
Ports P000 to P008, P010 to P015
VOH
AVCC0 - 0.5
—
—
V
IOH = -1.0 mA
AVCC0 = 1.8 to 2.7 V
AVCC0 - 0.5
—
—
IOH = -0.5 mA
AVCC0 = 1.6 to 1.8 V
Output pins except for P000 to P008
and P010 to P015*1
VOH
VCC - 0.5
—
—
IOH = -1.0 mA
VCC = 1.8 to 2.7 V
VCC - 0.5
—
—
IOH = -0.5 mA
VCC = 1.6 to 1.8 V
Ports P000 to P008, P010 to P015
VOL
—
—
0.4
IOL = 0.6 mA
AVCC0 = 1.8 to 2.7 V
—
—
0.4
IOL = 0.3 mA
AVCC0 = 1.6 to 1.8 V
Output pins except for P000 to P008
and P010 to P015*1
VOL
—
—
0.4
IOL = 0.6 mA
VCC = 1.8 to 2.7 V
—
—
0.4
IOL = 0.3 mA
VCC = 1.6 to 1.8 V
Note 1. Except for Ports P200, P214, and P215, which are input ports.
Table 2.10
I/O other characteristics
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
RES, ports P200, P214, P215
| Iin |
—
—
1.0
µA
Vin = 0 V
Vin = VCC
Three-state leakage
current (off state)
5V-tolerant ports*1
| ITSI |
—
—
1.0
µA
Vin = 0 V
Vin = 5.8 V
Other ports
(except for P200, P214, P215, and
5V-tolerant ports)
—
—
1.0
Vin = 0 V
Vin = VCC
Input pull-up resistor
All ports
(except for P200, P214, P215)
RU
10
20
100
kΩ
Vin = 0 V
Input capacitance
P200
Cin
—
—
30
pF
Vin = 0 V
f = 1 MHz
Ta = 25°C
Other input pins
—
—
15
Note 1. P205, P206, P400, P401, and P407 (total 5 pins)
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 28 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com