Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 5 Page - Renesas Technology Corp

  R7FA2L1AB2DFM Datasheet HTML 1Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 2Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 3Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 4Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 5Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 6Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 7Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 8Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
Table 1.9
Human machine interfaces
Feature
Functional description
Capacitive Sensing Unit (CTSU2)
The Capacitive Sensing Unit (CTSU2) measures the electrostatic capacitance of the sensor.
Changes in the electrostatic capacitance are determined by software that enables the CTSU
to detect whether a finger is in contact with the sensor. The electrode surface of the sensor is
usually enclosed with a dielectric film so that a finger does not come into direct contact with the
electrode.
Table 1.10
Data processing
Feature
Functional description
Cyclic Redundancy Check (CRC)
calculator
The Cyclic Redundancy Check (CRC) generates CRC codes to detect errors in the data. The
bit order of CRC calculation results can be switched for LSB-first or MSB-first communication.
Additionally, various CRC-generation polynomials are available. The snoop function allows
monitoring of access to specific addresses. This function is useful in applications that require
CRC code to be generated automatically in certain events, such as monitoring writes to the serial
transmit buffer and reads from the serial receive buffer.
Data Operation Circuit (DOC)
The Data Operation Circuit (DOC) compares, adds, and subtracts 16-bit data. When a selected
condition applies, 16-bit data is compared and an interrupt can be generated.
Table 1.11
I/O ports
Feature
Functional description
I/O ports
● I/O ports for the 100-pin LQFP
– I/O pins: 82
– Input pins: 3
– Pull-up resistors: 82
– N-ch open-drain outputs: 65
– 5-V tolerance: 5
● I/O ports for the 80-pin LQFP
– I/O pins: 66
– Input pins: 3
– Pull-up resistors: 66
– N-ch open-drain outputs: 51
– 5-V tolerance: 5
● I/O ports for the 64-pin LQFP
– I/O pins: 50
– Input pins: 3
– Pull-up resistors: 50
– N-ch open-drain outputs: 37
– 5-V tolerance: 5
● I/O ports for the 48-pin LQFP/HWQFN
– I/O pins: 34
– Input pins: 3
– Pull-up resistors: 34
– N-ch open-drain outputs: 23
– 5-V tolerance: 4
RA2L1 Datasheet
1. Overview
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 5 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com