Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 91Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 92Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 93Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 94Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 95Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 96Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 97Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 98Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 114 page
background image
Table A3.2
Access cycles for non-GPT modules
Peripherals
Address
Number of access cycles
ICLK = PCLK
ICLK > PCLK*1
Cycle
unit
Related function
From
To
Read
Write
Read
Write
MPU, SRAM, BUS,
DTC, ICU, DBG
0x4000_2000
0x4001_BFFF
3
ICLK
Memory Protection Unit, SRAM,
Buses, Data Transfer Controller,
Interrupt Controller, CPU, Flash
Memory
SYSC
0x4001_E000 0x4001_E6FF
4
ICLK
Low Power Modes, Resets,
Low Voltage Detection, Clock
Generation Circuit, Register
Write Protection
PORTn, PFS, ELC,
POEG, RTC, WDT,
IWDT, CAC, MSTP
0x4004_0000
0x4004_7FFF
3
2 to 3
PCLKB
I/O Ports, Event Link Controller,
Port Output Enable for GPT,
Realtime Clock, Watchdog Timer,
Independent Watchdog Timer,
Clock Frequency Accuracy
Measurement Circuit, Module
Stop Control
CAN0,IICn (n =
0, 1),IIC0WU, DOC,
ADC12, DAC12
0x4005_0000
0x4005_EFFF
3
2 to 3
PCLKB
Controller Area Network Module,
I2C Bus Interface, Data
Operation Circuit, 12-bit A/D
Converter, 12-Bit D/A Converter
SCIn (n = 0*2 to 3, 9)
0x4007_0000
0x4007_0EFF
5
2 to 3
PCLKB
Serial Communications Interface
SPIn (n = 0, 1)*3
0x4007_2000
0x4007_2FFF
5
2 to 3
PCLKB
Serial Peripheral Interface
CRC
0x4007_4000
0x4007_4FFF
3
2 to 3
PCLKB
CRC Calculator
GPT32n (n = 0 to 3),
GPT16n (n = 4 to 9),
GPT_OPS
0x4007_8000
0x4007_BFFF
See Table A3.3.
PCLKB
General PWM Timer
KINT, CTSU
0x4008_0000
0x4008_2FFF
3
2 to 3
PCLKB
Key interrupt Function,
Capacitive Sensing Unit
AGTn
0x4008_4000
0x4008_4FFF
3
2 to 3
PCLKB
Low Power Asynchronous
General Purpose Timer
ACMPLP
0x4008_5000
0x4008_6FFF
3
2 to 3
PCLKB
Low-Power Analog Comparator
FLCN
0x407E_C000 0x407E_FFFF
7
7
ICLK
Data Flash, Temperature Sensor,
Capacitive Sensing Unit, Flash
Control
Note 1. If the number of PCLK cycles is non-integer (for example 1.5), the minimum value is without the decimal point, and the maximum
value is rounded up to the decimal point. For example, 1.5 to 2.5 is 1 to 3.
Note 2. When accessing a 16-bit register (FTDRHL, FRDRHL, FCR, FDR, LSR, and CDR), access is 2 cycles more than the value shown
in Table A3.2. When accessing an 8-bit register (FTDRH, FTDRL, FRDRH, and FRDRL), the access cycles are as shown in Table
A3.2.
Note 3. When accessing the 32-bit register (SPDR), access is 2 cycles more than the value in Table A3.2. When accessing an 8-bit or 16-bit
register (SPDR_HA), the access cycles are as shown in Table A3.2.
Table A3.3 shows register access cycles for GPT modules.
Table A3.3
Access cycles for GPT modules (1 of 2)
Frequency ratio between ICLK
and PCLK
Number of access cycles
Cycle unit
Read
Write
ICLK > PCLKD = PCLKB
5 to 6
3 to 4
PCLKB
ICLK > PCLKD > PCLKB
3 to 4
2 to 3
PCLKB
PCLKD = ICLK = PCLKB
6
4
PCLKB
PCLKD = ICLK > PCLKB
2 to 3
1 to 2
PCLKB
PCLKD > ICLK = PCLKB
4
3
PCLKB
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 95 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com